Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M5256KP-45LL-I Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M5M5256KP-45LL-I
Description  262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5256KP-45LL-I Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  M5M5256KP-45LL-I Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5256KP-45LL-I Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5256KP-45LL-I Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5256KP-45LL-I Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5256KP-45LL-I Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5256KP-45LL-I Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5256KP-45LL-I Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MITSUBISHI LSIs
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
M5M5256DP,KP,FP,VP,RV -45LL-I,-55LL-I,-70LL-I,
-45XL-I,-55XL-I,-70XL-I
'97.4.7
7
(3) POWER DOWN CHARACTERISTICS
/S control mode
POWER DOWN CHARACTERISTICS
(1) ELECTRICAL CHARACTERISTICS (Ta = -40~85°C, Vcc=5V±10%, unless otherwise noted)
Power down set up time
Power down recovery time
(2) TIMING REQUIREMENTS (Ta = -40~85°C, Vcc=5V±10%, unless otherwise noted )
tsu (PD)
trec (PD)
Symbol
Parameter
ns
Max
Typ
Limits
Min
Test conditions
Unit
0
tCR
ns
2.2V
tsu (PD)
4.5V
2.2V
trec (PD)
/S
Vcc-0.2V
Vcc
/S
Symbol
Parameter
V
V
Max
Typ
Limits
Min
Test conditions
Unit
uA
V
2
20
-XL
(Note 8)
0.05
4
Vcc (PD)
Icc (PD)
Power down supply voltage
Power down supply current
Note7: ICC (PD) = 1uA in case of Ta = 25°C
Note8: ICC (PD) = 0.2uA in case of Ta = 25°C
2.2
VI (/S)
Chip select input /S
Vcc = 3V,/S
≥Vcc-0.2V,
Other inputs=0~Vcc
-LL
(Note 7)
4.5V
2.2V
≤VCC(PD)
2V
≤VCC(PD)≤2.2V
VCC(PD)


Similar Part No. - M5M5256KP-45LL-I

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5256KP-45LL-W MITSUBISHI-M5M5256KP-45LL-W Datasheet
46Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5256KP-45LL-I

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com