Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1257WV-20P-T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F1257WV-20P-T
Description  1.25mm pitch FFC/FPC connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

F1257WV-20P-T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F1257WV-20P-T Datasheet HTML 1Page - List of Unclassifed Manufacturers F1257WV-20P-T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TEL:886-2-8648-0379
FAX:886-2-8647-8373 E-MAIL:info@hr-connector.com.tw
336
F1257 SERIES
1.25mm pitch FFC/FPC connector
HRJ
CF
F
Specifications
Current rating: 1A AC,DC
Voltage rating: 200V AC,DC
Temperature range: -25J ã +85J
Contact resistance: 20m[Max.
Insulation resistance: 500M[Min.
Withstanding voltage: 500V AC/minute
*Contact H.R for details*


Similar Part No. - F1257WV-20P-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F125 TI-F125 Datasheet
354Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE
logo
Kemet Corporation
F125PP102G050V KEMET-F125PP102G050V Datasheet
456Kb / 15P
   Surface Mount Metallized PPS Film Capacitor
F125PP102G100V KEMET-F125PP102G100V Datasheet
456Kb / 15P
   Surface Mount Metallized PPS Film Capacitor
F125PP102G250V KEMET-F125PP102G250V Datasheet
456Kb / 15P
   Surface Mount Metallized PPS Film Capacitor
F125PP102G400V KEMET-F125PP102G400V Datasheet
456Kb / 15P
   Surface Mount Metallized PPS Film Capacitor
More results

Similar Description - F1257WV-20P-T

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH3-4S-1.25DS HIROSE-FH3-4S-1.25DS Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
logo
Molex Electronics Ltd.
0039532294 MOLEX3-0039532294 Datasheet
165Kb / 4P
   1.25mm (.049") Pitch FFC/FPC Connector
logo
Newhaven Display Intern...
MOLEX52808-0470 NEWHAVEN-MOLEX52808-0470 Datasheet
183Kb / 9P
   PITCH FPC / FFC CONNECTOR series
logo
Molex Electronics Ltd.
54548-2070 MOLEX11-54548-2070 Datasheet
41Kb / 3P
   0.50mm Pitch FFC/FPC Connector
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
logo
Hirose Electric
FH21-5S-1DS HIROSE-FH21-5S-1DS Datasheet
104Kb / 4P
   1mm Pitch FPC/FFC Connector
logo
Molex Electronics Ltd.
0495972017 MOLEX6-0495972017 Datasheet
282Kb / 4P
   1.25mm (.049") FPC/FFC Backfilp Housing, 20 Circuits, Natural
0495972007 MOLEX6-0495972007 Datasheet
282Kb / 4P
   1.25mm (.049") FPC/FFC Backfilp Housing, 20 Circuits, Black
0039532165 MOLEX3-0039532165 Datasheet
157Kb / 4P
   1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF, 16 Circuits, Lead-free
0039532235 MOLEX3-0039532235 Datasheet
157Kb / 4P
   1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF, 23 Circuits, Lead-free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com