Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6967AEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6967AEE
Description  10-Port Constant-Current LED Drivers and I/O Expanders with PWM Intensity Control
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6967AEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6967AEE Datasheet HTML 1Page - Maxim Integrated Products MAX6967AEE Datasheet HTML 2Page - Maxim Integrated Products MAX6967AEE Datasheet HTML 3Page - Maxim Integrated Products MAX6967AEE Datasheet HTML 4Page - Maxim Integrated Products MAX6967AEE Datasheet HTML 5Page - Maxim Integrated Products MAX6967AEE Datasheet HTML 6Page - Maxim Integrated Products MAX6967AEE Datasheet HTML 7Page - Maxim Integrated Products MAX6967AEE Datasheet HTML 8Page - Maxim Integrated Products MAX6967AEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
10-Port Constant-Current LED Drivers and I/O
Expanders with PWM Intensity Control
_______________________________________________________________________________________
5
STANDBY CURRENT (ISTBY1)
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
-25 -10 5
35 50 65
20
80
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.4
-40
125
V+ = 3.6V
V+ = 3.3V
V+ = 2.7V
V+ = 2.25V
SUPPLY CURRENT (I+)
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
0.1
0.2
0.3
0.4
0.5
0
-40
125
V+ = 3.6V
V+ = 3.3V
V+ = 2.7V
V+ = 2.25V
OUTPUT SINKING CURRENT
vs. VEXT - VLED AT 10mA
VEXT - VLED (V)
4
3
2
1
2
4
6
8
10
12
14
0
05
OUTPUT SINKING CURRENT
vs. VEXT - VLED AT 20mA
VEXT - VLED (V)
4
3
2
1
4
8
12
16
20
24
0
05
INTERNAL OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
29
31
33
35
37
39
41
43
45
27
-40
125
V+ = 3.6V
V+ = 3.3V
V+ = 2.7V
V+ = 2.25V
SAMPLE PWM WAVEFORMS
2ms
OUTPUT
REGISTER
= 0x03
OUTPUT
REGISTER
= 0x80
OUTPUT
REGISTER
= 0xFE
MAX6966/67 toc06
STAGGER PWM PORT WAVEFORMS
(OUTPUT REGISTERS SET TO 0x80)
2ms
PORT P4
PORT P0
PORT P1
MAX6966/67 toc07


Similar Part No. - MAX6967AEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6967AEE MAXIM-MAX6967AEE Datasheet
650Kb / 29P
   10-Port Constant-Current LED Drivers and I/O Expanders with PWM Intensity Control
Rev 2; 4/05
More results

Similar Description - MAX6967AEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6966 MAXIM-MAX6966_14 Datasheet
650Kb / 29P
   10-Port Constant-Current LED Drivers and I/O Expanders with PWM Intensity Control
Rev 2; 4/05
MAX6946 MAXIM-MAX6946 Datasheet
267Kb / 24P
   10-Port, Constant-Current LED Driver and I/O Expander with PWM Intensity Control
Rev 3; 2/08
MAX7316 MAXIM-MAX7316 Datasheet
284Kb / 25P
   10-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7315 MAXIM-MAX7315 Datasheet
448Kb / 27P
   8-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
   10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
MAX7328 MAXIM-MAX7328 Datasheet
726Kb / 11P
   I2C Port Expanders with Eight I/O Ports
19-3829; Rev 1; 4/14
MAX7313 MAXIM-MAX7313 Datasheet
414Kb / 27P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com