Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1396MUB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1396MUB
Description  1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1396MUB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1396MUB Datasheet HTML 1Page - Maxim Integrated Products MAX1396MUB Datasheet HTML 2Page - Maxim Integrated Products MAX1396MUB Datasheet HTML 3Page - Maxim Integrated Products MAX1396MUB Datasheet HTML 4Page - Maxim Integrated Products MAX1396MUB Datasheet HTML 5Page - Maxim Integrated Products MAX1396MUB Datasheet HTML 6Page - Maxim Integrated Products MAX1396MUB Datasheet HTML 7Page - Maxim Integrated Products MAX1396MUB Datasheet HTML 8Page - Maxim Integrated Products MAX1396MUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX1393/MAX1396 micropower, serial-output, 12-
bit, analog-to-digital converters (ADCs) operate with a
single power supply from +1.5V to +3.6V. These ADCs
feature automatic shutdown, fast wake-up, and a high-
speed 3-wire interface. Power consumption is only
0.734mW (VDD = +1.5V) at the maximum conversion rate
of 312.5ksps. AutoShutdown™ between conversions
reduces power consumption at slower throughput rates.
The MAX1393/MAX1396 require an external reference
VREF that has a wide range from 0.6V to VDD. The
MAX1393 provides one true-differential analog input
that accepts signals ranging from 0 to VREF (unipolar
mode) or ±VREF/2 (bipolar mode). The MAX1396 pro-
vides two single-ended inputs that accept signals rang-
ing from 0 to VREF. Analog conversion results are
available through a 5MHz 3-wire SPI™-/QSPI™-/
MICROWIRE™-/digital signal processor (DSP)-compati-
ble serial interface. Excellent dynamic performance,
low voltage, low power, ease of use, and small pack-
age sizes make these converters ideal for portable bat-
tery-powered data-acquisition applications, and for
other applications that demand low power consumption
and minimal space.
The MAX1393/MAX1396 are available in a space-saving
(3mm x 3mm) 10-pin TDFN package or 10-pin µMAX®
package. The parts operate over the extended (-40°C to
+85°C) and military (-55°C to +125°C) temper-
ature ranges.
Applications
Portable Datalogging
Data Acquisition
Medical Instruments
Battery-Powered Instruments
Process Control
Features
♦ 312.5ksps, 12-Bit Successive-Approximation
Register (SAR) ADCs
♦ Single True-Differential Analog Input Channel
with Unipolar-/Bipolar-Select Input (MAX1393)
♦ Dual Single-Ended Input Channel with Channel-
Select Input (MAX1396)
♦ ±1 LSB INL, ±1 LSB DNL, No Missing Codes
♦ ±2 LSB Total Unadjusted Error (TUE)
♦ 70dB SINAD at 75kHz Input Frequency
♦ External Reference (0.6V to VDD)
♦ Single-Supply Voltage (+1.5V to +3.6V)
♦ 0.915mW at 300ksps, 1.8V
♦ 0.305mW at 100ksps, 1.8V
♦ 3.1µW at 1ksps, 1.8V
♦ < 1µA Shutdown Current
♦ AutoShutdown Between Conversions
♦ SPI-/QSPI-/MICROWIRE-/DSP-Compatible,
3- or 4-Wire Serial Interface
♦ Small (3mm x 3mm) 10-Pin TDFN or µMAX
(3mm x 5mm) Package
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/
2-Channel Single-Ended, 12-Bit, SAR ADCs
________________________________________________________________ Maxim Integrated Products
1
19-3644; Rev 0; 5/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
ANALOG INPUTS
TOP MARK
MAX1393ETB
-40°C to +85°C
10 TDFN-EP**
1-CH DIFF
AOZ
MAX1393EUB
-40°C to +85°C
10 µMAX
1-CH DIFF
MAX1393MTB*
-55°C to +125°C
10 TDFN-EP**
1-CH DIFF
MAX1393MUB*
-55°C to +125°C
10 µMAX
1-CH DIFF
MAX1396ETB
-40°C to +85°C
10 TDFN-EP**
2-CH S/E
APC
MAX1396EUB*
-40°C to +85°C
10 µMAX
2-CH S/E
MAX1396MTB*
-55°C to +125°C
10 TDFN-EP**
2-CH S/E
MAX1396MUB*
-55°C to +125°C
10 µMAX
2-CH S/E
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
SPI/QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
Typical Operating Circuit and Pin Configurations appear at
end of data sheet.
*Future product—contact factory for availability.
**EP = Exposed pad.


Similar Part No. - MAX1396MUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1396 MAXIM-MAX1396 Datasheet
598Kb / 18P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
MAX1396ETB++ MAXIM-MAX1396ETB+ Datasheet
598Kb / 18P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
More results

Similar Description - MAX1396MUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1393 MAXIM-MAX1393_09 Datasheet
598Kb / 18P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
MAX1392 MAXIM-MAX1392 Datasheet
877Kb / 19P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 0; 5/05
MAX1392 MAXIM-MAX1392_09 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
MAX1394 MAXIM-MAX1394 Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1391 MAXIM-MAX1391 Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1391 MAXIM-MAX1391_V01 Datasheet
254Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 8-Bit, SAR ADCs
2009
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
   150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286 Datasheet
241Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-2231; Rev 0; 10/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com