Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1393ETB Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1393ETB
Description  1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1393ETB Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1393ETB Datasheet HTML 3Page - Maxim Integrated Products MAX1393ETB Datasheet HTML 4Page - Maxim Integrated Products MAX1393ETB Datasheet HTML 5Page - Maxim Integrated Products MAX1393ETB Datasheet HTML 6Page - Maxim Integrated Products MAX1393ETB Datasheet HTML 7Page - Maxim Integrated Products MAX1393ETB Datasheet HTML 8Page - Maxim Integrated Products MAX1393ETB Datasheet HTML 9Page - Maxim Integrated Products MAX1393ETB Datasheet HTML 10Page - Maxim Integrated Products MAX1393ETB Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
_______________________________________________________________________________________
7
SUPPLY CURRENT
vs. CONVERSION RATE
fSAMPLE (ksps)
300
250
200
150
100
50
200
400
600
800
0
0
350
fSCLK = 5MHz, fSAMPLE = 312.5ksps
AIN = FULL SCALE, 75kHz SINE WAVE
CL = 30pF
VDD = VREF = 1.6V
VDD = VREF = 3.0V
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
2.1
1.8
0.1
0.2
0.3
0.4
0.5
0
1.5
3.6
SERIAL CLOCK IDLE
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
95
65
35
5
-25
0.4
0.8
1.2
1.6
2.0
0
-55
125
VDD = 1.8V
VDD = 3.6V
SCLK-TO-DOUT TIMING
CLOAD (pF)
500
400
300
200
100
10
20
30
40
50
60
70
80
90
100
0
0
600
VDD = 3.6V
VDD = 1.5V
FFT
FREQUENCY (kHz)
120
100
80
60
40
20
-100
-75
-50
-25
0
-125
0
140 160
VDD = 2.5V
VREF = 2.5V
fS = 312.5ksps
fIN = 75kHz
THD = -90.3dB
SINAD = 72.1dB
SFDR = 93.3dB
SAMPLING ERROR
vs. SOURCE IMPEDANCE
SOURCE IMPEDANCE (
Ω)
2000
1500
1000
500
-3
-2
-1
0
1
2
3
4
-4
0
2500
AIN HIGH-TO-LOW FS TRANSITION
AIN LOW-TO-HIGH FS TRANSITION
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/
2-Channel Single-Ended, 12-Bit, SAR ADCs
GAIN ERROR
vs. REFERENCE VOLTAGE
REFERENCE VOLTAGE (V)
3.1
1.1
1.6
2.1
2.6
-300
-200
-100
0
100
200
300
400
-400
0.6
3.6
VDD = 3.6V
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
2.1
1.8
500
600
700
800
400
1.5
3.6
VREF = 1.5V, CL = 33pF
fSCLK = 4.8MHz, fSAMPLE = 300ksps
AIN = FULL SCALE, 10kHz SINE WAVE
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
95
65
35
5
-25
450
500
550
600
400
-55
125
VREF = 1.5V, CL = 33pF
fSCLK = 4.8MHz, fSAMPLE = 300ksps
AIN = FULL SCALE, 10kHz SINE WAVE
Typical Operating Characteristics (continued)
(VDD = +1.5V, VREF = +1.5V, CREF = 0.1µF, CL = 30pF, fSCLK = 5MHz. TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1393ETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1393ETB++ MAXIM-MAX1393ETB+ Datasheet
598Kb / 18P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
More results

Similar Description - MAX1393ETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1393 MAXIM-MAX1393_09 Datasheet
598Kb / 18P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
MAX1392 MAXIM-MAX1392 Datasheet
877Kb / 19P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 0; 5/05
MAX1392 MAXIM-MAX1392_09 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
MAX1394 MAXIM-MAX1394 Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1391 MAXIM-MAX1391 Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1391 MAXIM-MAX1391_V01 Datasheet
254Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 8-Bit, SAR ADCs
2009
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
   150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286 Datasheet
241Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-2231; Rev 0; 10/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com