Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC2798 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RC2798
Description  Integrated QAM IF Downconverter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC2798 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RC2798 Datasheet HTML 1Page - Fairchild Semiconductor RC2798 Datasheet HTML 2Page - Fairchild Semiconductor RC2798 Datasheet HTML 3Page - Fairchild Semiconductor RC2798 Datasheet HTML 4Page - Fairchild Semiconductor RC2798 Datasheet HTML 5Page - Fairchild Semiconductor RC2798 Datasheet HTML 6Page - Fairchild Semiconductor RC2798 Datasheet HTML 7Page - Fairchild Semiconductor RC2798 Datasheet HTML 8Page - Fairchild Semiconductor RC2798 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PRELIMINARY INFORMATION describes products that are not in full production at the time of printing. Specifications are based on design goals
and limited characterization. They may change without notice. Contact Fairchild Semiconductor for current information.
www.fairchildsemi.com
Features
• RF input frequency range 30 to 250MHz
• On chip VCO with LO frequency range 30 to 250MHz
• IF amplifier with AGC setting
• High dynamic range -9dBm IIP3
• On chip Video Amplifier
• Built in ESD protection
• Supply voltage range 5 to 10 V
• Space saving 20-Lead TSSOP package
Applications
• Digital Set-top receivers
• Cable modems
• Internet surfboards
• Network Interface Modules
• Multimedia PCs
Description
The RC2798 is an integrated solution for the down-
conversion of QAM IF signals in the front-end design of
cable modem and set-top receivers. It is intended for use in
64QAM and 256QAM IF downconversion applications.
The RC2798 integrates IF amplifier with AGC , mixer, VCO,
and a video amplifier on a single chip. It accepts the QAM IF
signals via SAW filter and downconverts it to 5MHz
baseband signal.
The baseband signal can be digitized using Fairchild
Semiconductor’s 8 bit A/D (TMC1175 series) or 10bit A/D
(TMC1185 series) and decoded further with a QAM
demodulator. The IF, Oscillator and Mixer section work at
5V. The video amplifier works at 5V to 10V. The RC2798 is
available in a 20 Lead TSSOP package.
Block Diagram
1
AGC_IN1
2
AGC_IN2
3
VAGC
4
VCC MIX
5
OSC_OUT
6
GND
7
B2
8
C1
9
C2
10
20
19
18
17
16
15
14
13
12
11
B1
GND
MIX_OUT2
MIX_OUT1
G1A
G1B
VampIn1
VampIn2
VccAmp
VideoAmp
LO
AGC + MIX
RC2798
OUT1
OUT2
RC2798
Integrated QAM IF Downconverter
Rev 1.0.0


Similar Part No. - RC2798

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
RC27000030-DE OMRON-RC27000030-DE Datasheet
2Mb / 20P
   Born to drive machines
More results

Similar Description - RC2798

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2798GR CEL-UPC2798GR Datasheet
236Kb / 15P
   250 MHz QAM IF DOWNCONVERTER
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
   MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
logo
RF Micro Devices
RFAM3790 RFMD-RFAM3790 Datasheet
309Kb / 7P
   45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
logo
STMicroelectronics
STI7197 STMICROELECTRONICS-STI7197 Datasheet
97Kb / 4P
   Advanced STB decoder with integrated QAM demodulator
logo
Freescale Semiconductor...
MRFIC1505 FREESCALE-MRFIC1505 Datasheet
135Kb / 8P
   MRFIC1505/MRFIC1505A Integrated GPS Downconverter
logo
Zarlink Semiconductor I...
ZL10100 ZARLINK-ZL10100 Datasheet
414Kb / 19P
   Single Chip Synthesized Downconverter with IF Amplifier
logo
Burr-Brown (TI)
AFE8201 BURR-BROWN-AFE8201 Datasheet
220Kb / 20P
   IF Analog-to-Digital Converter with Digital Downconverter
logo
NXP Semiconductors
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
logo
ATMEL Corporation
AT76C651B ATMEL-AT76C651B Datasheet
82Kb / 7P
   Digital Reception/ Transmission IC Integrated DVB compliant QAM Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com