Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3L2805D Datasheet(PDF) 11 Page - International Rectifier

Part # M3L2805D
Description  ADVANCED ANALOG HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3L2805D Datasheet(HTML) 11 Page - International Rectifier

Back Button M3L2805D Datasheet HTML 3Page - International Rectifier M3L2805D Datasheet HTML 4Page - International Rectifier M3L2805D Datasheet HTML 5Page - International Rectifier M3L2805D Datasheet HTML 6Page - International Rectifier M3L2805D Datasheet HTML 7Page - International Rectifier M3L2805D Datasheet HTML 8Page - International Rectifier M3L2805D Datasheet HTML 9Page - International Rectifier M3L2805D Datasheet HTML 10Page - International Rectifier M3L2805D Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
www.irf.com
11
L-SERIES
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
ADVANCED ANALOG: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 02/03
Mechanical Diagram
Pin Designation (Single/Dual)
Part Number
Pin Number
Single
Dual
Pin 1
+ Input
+ Input
Pin 2
Input Return
Input Return
Pin 3
Case
Case
Pin 4
Inhibit
Inhibit
Pin 5
Output Adjust
Output Adjust
Pin 6
Output Return
- Vout
Pin 7
+ Vout
Output Common
Pin 8
NC
+ Vout
Pin ø
0.040
ø 0.128
4 P lcs
2.300
1.550
0.375
0.850
0.350
1.500 1.750 2.000
2.80
Re f
0.250
0.425
Ma x
0.050
0.470
0.400
2 Eq S paces
@ 0.200
0.270
1.000
Re f
0.400
0.400
0.200
T o le ra n ce : .X X
= ±0 .0 1
.X X X = ±0 .0 0 5
0.220
0.25 T yp.
M3L 28 05 S
Model
Input Voltage
28 = 28V Nominal
Output Voltage
03R3 = 3.3V, 05 = 5V
12 = 12V, 15 = 15V
Outputs
S = Single
D = Dual


Similar Part No. - M3L2805D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3L2805D IRF-M3L2805D Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2805D IRF-M3L2805D Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results

Similar Description - M3L2805D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AMF2803R3S IRF-AMF2803R3S Datasheet
79Kb / 7P
   ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
AMF28XXD IRF-AMF28XXD Datasheet
69Kb / 7P
   28V Input, Dual Output, ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
AHE28XXS IRF-AHE28XXS Datasheet
63Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATO28XXT IRF-ATO28XXT Datasheet
55Kb / 7P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXD IRF-ATR28XXD Datasheet
72Kb / 8P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ASA28XXS IRF-ASA28XXS Datasheet
39Kb / 4P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AHV28 IRF-AHV28 Datasheet
81Kb / 9P
   ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AFL50XXS IRF-AFL50XXS Datasheet
107Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL270 IRF-AFL270 Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL5005S IRF-AFL5005S Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com