Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3633L15PF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72V3633L15PF
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING 256 x 36, 512 x 36, 1,024 x 36
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3633L15PF Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V3633L15PF Datasheet HTML 1Page - Integrated Device Technology IDT72V3633L15PF Datasheet HTML 2Page - Integrated Device Technology IDT72V3633L15PF Datasheet HTML 3Page - Integrated Device Technology IDT72V3633L15PF Datasheet HTML 4Page - Integrated Device Technology IDT72V3633L15PF Datasheet HTML 5Page - Integrated Device Technology IDT72V3633L15PF Datasheet HTML 6Page - Integrated Device Technology IDT72V3633L15PF Datasheet HTML 7Page - Integrated Device Technology IDT72V3633L15PF Datasheet HTML 8Page - Integrated Device Technology IDT72V3633L15PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
COMMERCIAL TEMPERATURERANGE
IDT72V3623/72V3633/72V3643 CMOS 3.3V SyncBiFIFOTM WITH BUS-MATCHING
256 x 36, 512 x 36, 1,024 x 36
Symbol
Name
I/O
Description
PIN DESCRIPTIONS (CONTINUED)
MBA
Port A Mailbox
I
A HIGH level on MBA chooses a mailbox register for a Port A read or write operation.
Select
MBB
Port B Mailbox
I
A HIGH level on MBB chooses a mailbox register for a Port B read or write operation. When the
Select
B0-B35 outputs are active, a HIGH level on MBB selects data from the mail1 register for output and
a LOW level selects FIFO data for output.
MBF1
Mail1 Register Flag
O
MBF1 is set LOW by a LOW-to-HIGH transition of CLKA that writes data to the mail1 register.
Writes to the mail1 register are inhibited while
MBF1 is LOW. MBF1 is set HIGH by a LOW-to-
HIGH transition of CLKB when a Port B read is selected and MBB is HIGH.
MBF1 is set HIGH
following either a Reset (
RS1) or Partial Reset (PRS).
MBF2
Mail2 Register Flag
O
MBF2 is set LOW by a LOW-to-HIGH transition of CLKB that writes data to the mail2 register.
Writes to the mail2 register are inhibited while
MBF2 is LOW. MBF2 is set HIGH by a LOW-to-
HIGH transition of CLKA when a Port A read is selected and MBA is HIGH.
MBF2 is set HIGH
following either a Reset (
RS2) or Partial Reset (PRS).
RS1, RS2
Resets
I
A LOW on both pins initializes the FIFO read and write pointers to the first location of memory and
sets the Port B output register to all zeroes. A LOW-to-HIGH transitionon
RS1selectstheprogramming
method (serial or parallel) and one of three programmable flag default offsets. It also configures Port
B for bus size and endian arrangement. Four LOW-to-HIGH transitions of CLKA and four LOW-to-
HIGH transitions of CLKB must occur while
RS1 is LOW.
PRS
PartialReset
I
A LOW on this pin initializes the FIFO read and write pointers to the first location of memory and sets
the Port B output register to all zeroes. During Partial Reset, the currently selected bus size, endian
arrangement,programmingmethod(serialorparallel),andprogrammableflagsettingsareallretained.
SIZE
Bus Size Select
I
A HIGH on this pin when BM is HIGH selects byte bus (9-bit) size on Port B. A LOW on this pin
(Port B)
when BM is HIGH selects word (18-bit) bus size. SIZE works with BM and BE to select the bus size
and endian arrangement for Port B. The level of SIZE must be static throughout device operation.
SPM
Serial Programming
I
A LOW on this pin selects serial programming of partial flag offsets. A HIGH on this pin selects parallel
Mode
programming or default offsets (8, 16, or 64).
W/
RA
Port A Write/
I
A HIGH selects a write operation and a LOW selects a read operation on Port A for a LOW-to-HIGH
Read Select
transition of CLKA. The A0-A35 outputs are in the HIGH impedance state when W/
RAisHIGH.
W/RB
Port B Write/
I
A LOW selects a write operation and a HIGH selects a read operation on Port B for a LOW-to-HIGH
Read Select
transition of CLKB. The B0-B35 outputs are in the HIGH impedance state when
W/RB is LOW.


Similar Part No. - IDT72V3633L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3631 IDT-IDT72V3631 Datasheet
224Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM
IDT72V3631 IDT-IDT72V3631 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631L15 IDT-IDT72V3631L15 Datasheet
224Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM
IDT72V3631L15PF IDT-IDT72V3631L15PF Datasheet
224Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM
IDT72V3631L15PQF IDT-IDT72V3631L15PQF Datasheet
224Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM
More results

Similar Description - IDT72V3633L15PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT723623 RENESAS-IDT723623 Datasheet
377Kb / 29P
   CMOS BUS-MATCHING SyncFIFO TM 256 x 36, 512 x 36, 1,024 x 36
MARCH 2018
logo
Integrated Device Techn...
IDT72V3626 IDT-IDT72V3626 Datasheet
329Kb / 36P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3623 RENESAS-IDT72V3623 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
logo
Jinan Gude Electronic D...
IDT723623 JGD-IDT723623 Datasheet
286Kb / 28P
   CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
72V3631 RENESAS-72V3631 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
IDT723631 RENESAS-IDT723631 Datasheet
528Kb / 21P
   CMOS SyncFIFO™512 x 36 1,024 x 36 2,048 x 36
MARCH 2014
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com