Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NASXXX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NASXXX
Description  SEMI-PRECISION POWER WIREWOUND RESISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NASXXX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NASXXX Datasheet HTML 1Page - List of Unclassifed Manufacturers NASXXX Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
ISO-9001
Registered
D (Lead Diameter)
0.020 (0.5)
0.020 (0.5)
0.020 (0.5) 0.025 (0.64)
0.025 (0.64) 0.032 (0.8)
0.032 (0.8)
0.032 (0.8)
0.032 (0.8)
0.040 (1.0)
0.040 (1.0)
0.040 (1.0)
0.040 (1.0)
D
C
A
1.50 min.
(38.1)
B
SEMI-PRECISION POWER
WIREWOUND RESISTOR
AS SERIES
••••• 1/4 watt to 10 watts
••••• ±5%, ±3%, ±1%, ±.5% tolerance
••••• 0.1 ohm to 175K ohms
••••• Resistance wire TCR ±20 ppm/°C
SPECIFICATIONS:
Inductance of AS-1/2 is less than 1µH at 1MHz.
* Typical inductance of AS-1C <5 ohms is < 1µH.
To order non-inductive types, add the prefix "N". Example: NAS-1, NAS-2C, etc.
Lower values available upon request.
DIMENSIONS (Inches and (mm)):
Please note lead length
dimension change on the
following two items only:
AS-2B 1.3 min
AS-2C 1.3 min
NOTE:
• Coating and marking is resistant to normal freon degreasing.
Consult factory for special requirements.
• AS marking available in Alpha Numeric or Colorbanding -
identification available.
Heat conducting
ceramic substrate
Alpha - Digital
Marking
Silicone conformal
coating
All welded cap
and lead
assembly
Alloy resistance wire wound
to specific parameters
including TCR's from ±20 to
+5500 ppm/°C
Equivalent
MIL-R-26
Style
RW81
RW70U
RW-69V/
RW79U
RW74U/
RW67V
RW68V/
RW78U
Power Rating 275°C
Max. Hot Spot (watts)
Commercial Range
(ohms)
Non-Inductive Range
(ohms)
Available Resistance
(ohms)
125°C
0.5
0.5
1
1
2
3
2
3
5
7
10
25°C
1
1
2
2
3
4
3
5
7
9
14
Min.
0.1
0.1
0.1
.05
0.1
0.1
0.1
0.1
0.1
0.1
0.1
Max.
1.0K
6.0K
7.5K
2K
20K
24K
18K
30K
60K
90K
175K
Min.
*
*
0.1
*
0.5
0.5
0.2
0.5
0.8
1.0
3.0
Max.
*
*
3.8K
*
10K
12K
7.5K
15K
30K
45K
50K
0.5%, 1%
1-1K
1-6K
1-7.5K
1-2K
1-20K
1-24K
1-18K
1-30K
1-60K
1-90K
1-175K
3%, 5%
0.1-1K
0.1-6K
0.1-7.5K
.05-2K
0.1-20K
0.1-24K
0.1-18K
0.1-30K
0.1-60K
0.1-90K
0.1-175K
IRC Type
AS-1/4
AS-1/2
AS-1
AS-1C
AS-2
AS-2B
AS-2C
AS-3
AS-5
AS-7
AS-10
A±0.032
0.250 (6.4)
0.312 (7.9)
0.367 (9.3)
0.256 (6.5)
0.480 (12.2)
0.540 (13.7)
0.489 (11.0)
0.687 (17.5)
0.875 (22.2)
1.250 (31.8)
1.812 (46.0)
*Leads 60/40 are solder plated. AS-1C leads are copper. All others are 40% conductivity copper sheathed steel.
B (max)
0.094 (2.4)
0.094 (2.4)
0.125 (3.2)
0.115 (2.9)
0.250 (6.3)
0.219 (5.6)
0.157 (4.0)
0.282 (7.2)
0.344 (8.8)
0.344 (8.8)
0.385 (9.8)
C (max)
0.312 (7.9)
0.375 (9.5)
0.429 (10.9)
0.303 (7.7)
0.600 (15.2)
0.663 (16.6)
0.594 (15.1)
0.812 (20.6)
0.980 (24.9)
1.375 (35.0)
1.937 (49.2)
IRC Type
AS-1/4
AS-1/2
AS-1
AS-1C
AS-2
AS-2B
AS-2C
AS-3
AS-5
AS-7
AS-10
WIREWOUND AND FILM TECHNOLOGIES DIVISION
736 Greenway Road • Boone, North Carolina 28607-1860 • Tel: 828-264-8861 • Fax: 828-264-8866 • www.irctt.com


Similar Part No. - NASXXX

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
NAS TTELEC-NAS Datasheet
631Kb / 3P
   Pb-free option is RoHS compliant
logo
List of Unclassifed Man...
NAS1077 ETC2-NAS1077 Datasheet
116Kb / 2P
   TECHNICAL OPERATIONS COUNCIL MEMORANDUM
NAS1096 ETC-NAS1096 Datasheet
106Kb / 1P
   ALLOY/STRUCTURAL — MACHINE SCREWS
NAS1096-1-10 ETC-NAS1096-1-10 Datasheet
106Kb / 1P
   ALLOY/STRUCTURAL — MACHINE SCREWS
NAS1096-1-12 ETC-NAS1096-1-12 Datasheet
106Kb / 1P
   ALLOY/STRUCTURAL — MACHINE SCREWS
More results

Similar Description - NASXXX

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
AS-321R0JLF IRCTT-AS-321R0JLF Datasheet
182Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
Welwyn Components Limit...
AS-1 WELWYN-AS-1 Datasheet
435Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
TT Electronics.
AS3-27KFI TTELEC-AS3-27KFI Datasheet
642Kb / 3P
   Semi-Precision Power Wirewound Resistor
logo
IRC - a TT electronics ...
LAS-32001JLF IRCTT-LAS-32001JLF Datasheet
218Kb / 3P
   Low Cost Semi-Precision Power Wirewound Resistor
PPW1015R0HLF IRCTT-PPW1015R0HLF Datasheet
611Kb / 3P
   Semi-Precision Power Wirewound Resistor for Pulse & Surge Applications
logo
Welwyn Components Limit...
PPW WELWYN-PPW Datasheet
136Kb / 2P
   Semi-Precision Power Wirewound Resistors
logo
IRC - a TT electronics ...
T-2B79U49R9 IRCTT-T-2B79U49R9 Datasheet
157Kb / 2P
   COMMERCIAL STYLES SEMI-PRECISION POWER WIREWOUND
T1801000F IRCTT-T1801000F Datasheet
198Kb / 4P
   Commercial Styles Semi-Precision Power Wirewound Resistors
logo
Bourns Electronic Solut...
W3M22R0J BOURNS-W3M22R0J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
List of Unclassifed Man...
WW3JT330R ETC2-WW3JT330R Datasheet
92Kb / 3P
   General Purpose and Precision Wirewound Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com