Part Name
         Description
IN74AC14

 Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS ( 4 Page)


INTEGRAL
100% 
Zoom Out Zoom In
   
 4 page
background image
IN74AC14
54
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, Input A to Output Y
(Figure 1)
3.3
5.0
1.5
1.5
13.5
10.0
1.5
1.5
15.0
11.0
ns
tPHL
Propagation Delay, Input A to Output Y
(Figure 1)
3.3
5.0
1.5
1.5
11.5
8.5
1.5
1.5
13.0
9.5
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
25
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
Figure 1. Switching Waveforms



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IN74AC04Hex Inverter High-Speed Silicon-Gate CMOS 1 2 3 4 Integral Corp.
IN74HC14AHex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS 1 2 3 4 Integral Corp.
IW4502BStrobed Hex Inverter/Buffer High-Voltage Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
IW4069BEHEX INVERTER High-Voltage Silicon-Gate CMOS 1 2 3 4 List of Unclassifed Manufacturers
IN74AC34Hex Noninverter Buffer High-Speed Silicon-Gate CMOS 1 2 3 4 Integral Corp.
SL74HCT14Hex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS 1 2 3 4 System Logic Semiconductor
IN74HCT04AHex Inverter High-Performance Silicon-Gate CMOS 1 2 3 4 Integral Corp.
IN74HCU04Hex Unbuffered Inverter High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreIntegral Corp.
IN74HC04AHex Inverter High-Performance Silicon-Gate CMOS 1 2 3 4 Integral Corp.
IN74HC05AHex Inverter with Open-Drain Outputs High-Performance Silicon-Gate CMOS 1 2 3 4 Integral Corp.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl