Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3400 Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # CM3400
Description  Micropower, Universal Supply Voltage Supervisor (SVS)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3400 Datasheet(HTML) 8 Page - California Micro Devices Corp

  CM3400 Datasheet HTML 1Page - California Micro Devices Corp CM3400 Datasheet HTML 2Page - California Micro Devices Corp CM3400 Datasheet HTML 3Page - California Micro Devices Corp CM3400 Datasheet HTML 4Page - California Micro Devices Corp CM3400 Datasheet HTML 5Page - California Micro Devices Corp CM3400 Datasheet HTML 6Page - California Micro Devices Corp CM3400 Datasheet HTML 7Page - California Micro Devices Corp CM3400 Datasheet HTML 8Page - California Micro Devices Corp CM3400 Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
8
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
10/06/03
CM3400
Mechanical Details
The CM3400 is available in an 8-pin SOIC and an 8-pin
MSOP package. Dimensions for each of these pack-
ages are presented in this section.
SOIC-8 Mechanical Specifications
Dimensions for CM3400-00SN devices packaged in 8-
pin SOIC packages are presented below.
For complete information on the SOIC-8 package, see
the California Micro Devices SOIC Package Informa-
tion document.
* This is an approximate number which may vary.
Package Dimensions for SOIC-8
PACKAGE DIMENSIONS
Package
SOIC
Pins
8
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.19
0.150
0.165
e
1.27 BSC
0.050 BSC
H
5.80
6.20
0.228
0.244
L
0.40
1.27
0.016
0.050
# per tube
100 pieces*
# per tape
and reel
2500 pieces
Controlling dimension: inches
Mechanical Package Diagrams
E
D
H
TOP VIEW
L
END VIEW
C
e
B
A
A1
SEATING
PLANE
SIDE VIEW
12
34
87
6
5
Pin 1
Marking


Similar Part No. - CM3400

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3403 CALMIRCO-CM3403 Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3403-29SO CALMIRCO-CM3403-29SO Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3403-29ST CALMIRCO-CM3403-29ST Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3403-46SO CALMIRCO-CM3403-46SO Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3403-46ST CALMIRCO-CM3403-46ST Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
More results

Similar Description - CM3400

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3403 CALMIRCO-CM3403 Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Microchip Technology
MIC2774 MICROCHIP-MIC2774 Datasheet
1Mb / 18P
   Dual Micropower Low Voltage Supervisor
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com