Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5B46 Datasheet(PDF) 2 Page - Analog Devices

Part # 5B46
Description  Isolated, Frequency Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B46 Datasheet(HTML) 2 Page - Analog Devices

  5B46 Datasheet HTML 1Page - Analog Devices 5B46 Datasheet HTML 2Page - Analog Devices 5B46 Datasheet HTML 3Page - Analog Devices 5B46 Datasheet HTML 4Page - Analog Devices 5B46 Datasheet HTML 5Page - Analog Devices 5B46 Datasheet HTML 6Page - Analog Devices 5B46 Datasheet HTML 7Page - Analog Devices 5B46 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5B45 / 5B46
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 5B45 and 5B46 are single-channel isolated frequency input
modules that produce a 0 to +5V output proportional to input
frequency. Model 5B45 accepts full-scale inputs ranging from
500 Hz to 20 kHz. Model 5B46 accepts full-scale inputs ranging
from 20 kHz to 275 kHz. Both models allow the user to set the
threshold to either 0 V (for zero crossing signals) or +1.4 V (for
positive level signals), and the hysteresis to either +25 mV or
+400 mV (all input types).
The 5B45 and 5B46 protect the computer side from field-side
over-voltage faults. All models withstand 240 V rms at their
input terminals without damage, thereby shielding computer-
side circuitry from field-side over-voltage conditions. In
addition, all 5B45 and 5B46 models are mix-and match and hot-
swappable, so can be inserted or removed from any socket in
the same backplane without disrupting system power.
Inside 5B45 & 5B46 Modules
– The 5B45/46 internal circuitry
compares the input signal to the user-selected threshold (VT)
and hysteresis (VH). Signals of virtually any wave shape that
exceed the combined threshold and hystersis levels (VT
+VH)will trigger a comparator at a rate determined by the input
frequency. The comparator output is then transmitted across a
proprietary transformer-coupled isolation barrier and
converted to a high-level analog signal. This signal is then
filtered by a multi-pole low pass Butterworth filter and buffered
to provide a low-noise, low-impedance output signal that is
accurately proportional to input frequency.
Simple Setup and Versatile Choices
– Setting the threshold
and hysteresis values is a simple matter of externally wiring to
the backplane screw terminals. The threshold for measuring a
zero-crossing voltage waveform (such as sine waves) is set to 0
volts by connecting the input signal across screw-terminals 4
and 3. The threshold for a positive level signal (such as a TTL or
pulse train waveform) is set at +1.4V by connecting the input
signal across terminals 3 and 2. Hysteresis for both input signal
types is set at +400 mV but can be changed to +25 mV by
adding a jumper between screw terminals 1 and 4. Response
time is a function of a modules rated input frequency range.
(See the 5B45 and 5B46 Model Table).
The input circuit is fully floating and isolated from the output
and power commons. In addition, the output section acts as a
third floating port towards eliminating possible problems from
ground loops and power supply noise. The output common
must be held within +3V of power common.
A series output switch eliminates the need for external
multiplexing in many applications. The switch is turned on by
an active-low enable input. If the switch is to be on at all times,
the enable-input should be grounded to power common as it is
on the 5B01 and 5B08 backplanes..
.
.
Figure 2


Similar Part No. - 5B46

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B46 AD-5B46_15 Datasheet
702Kb / 8P
   Isolated, Frequency Input
REV. 0
More results

Similar Description - 5B46

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B45 AD-3B45 Datasheet
359Kb / 8P
   Isolated Frequency Input
REV. 0
3B45 AD-3B45_15 Datasheet
364Kb / 8P
   Isolated Frequency Input
REV. 0
5B45 AD-5B45_15 Datasheet
702Kb / 8P
   Isolated, Frequency Input
REV. 0
5B46 AD-5B46_15 Datasheet
702Kb / 8P
   Isolated, Frequency Input
REV. 0
3B46 AD-3B46_15 Datasheet
364Kb / 8P
   Isolated Frequency Input
REV. 0
logo
National Instruments Co...
NISCXI-1126 NI-NISCXI-1126 Datasheet
83Kb / 6P
   SCXI 8-Channel Isolated Frequency Input Module
logo
Central Technologies
CTDD2727DF-S1R5K-5M CT-CTDD2727DF-S1R5K-5M Datasheet
271Kb / 2P
   Wide Input Isolated
CTDD3220DF-S1R5K-3 CT-CTDD3220DF-S1R5K-3 Datasheet
278Kb / 2P
   Wide Input Isolated
logo
Analog Devices
3B37 AD-3B37 Datasheet
346Kb / 8P
   Isolated, Thermocouple Input
REV. 0
7B31 AD-7B31 Datasheet
533Kb / 8P
   Isolated Voltage Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com