Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2534S26X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN2534S26X
Description  150 mA CMOS LDO Regulator with Fast Start, Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2534S26X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN2534S26X Datasheet HTML 1Page - Fairchild Semiconductor FAN2534S26X Datasheet HTML 2Page - Fairchild Semiconductor FAN2534S26X Datasheet HTML 3Page - Fairchild Semiconductor FAN2534S26X Datasheet HTML 4Page - Fairchild Semiconductor FAN2534S26X Datasheet HTML 5Page - Fairchild Semiconductor FAN2534S26X Datasheet HTML 6Page - Fairchild Semiconductor FAN2534S26X Datasheet HTML 7Page - Fairchild Semiconductor FAN2534S26X Datasheet HTML 8Page - Fairchild Semiconductor FAN2534S26X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
REV. 1.0.2 8/26/03
5
PRODUCT SPECIFICATION
FAN2534/FAN2535
Functional Description
Utilizing CMOS technology, the FAN2534/FAN2535
product family is optimized for use in compact battery
powered systems, offering a unique combination of high
ripple rejection, low noise, low power consumption,
extremely low dropout voltages, high tolerance for a variety
of output capacitors, and less than 1µA "OFF" current.
In the circuit, a differential amplifier controls a series-pass
P-Channel MOSFET, and a separate error amplifier com-
pares the load voltage at the output with an onboard trimmed
low voltage bandgap reference. The series resistance of the
pass P-Channel MOSFET is approximately 1 Ohm, yielding
an unusually low dropout voltage even under high load
conditions.
Thermal shutdown and current limit circuits protect the
device under extreme conditions. When the device tempera-
ture reaches 155°C, the output is disabled, until the device
cooles down by 15°C, then re-enabled. The user can to shut
down the device using the Enable control pin at any time.
The current limit circuit is trimmed, which leads to consis-
tent power on /enable delays, and provides safe short circuit
current densities even in narrow traces of the PCB.
A carefully optimized control loop accommodates a wide
range of ESR values in the output bypass capacitor, allowing
the user to optimize space, cost, and performance require-
ments.
An Enable pin shuts down the regulator output to conserve
power, reducing supply current to less than 1µA. The output
can then be re-Enabled within 150µSec, fulfilling the fast
power-cycling needs of CDMA applications.
Depending on the device type selected, other control and
status functions are available at pin 4. The fixed-voltage
versions are available with either a noise-bypass pin or an
Error flag pin option. The error flag can be used as a diagnos-
tic function to indicate that the output voltage has dropped
more than 5% below the nominal value.
The adjustable-voltage versions utilize pin 4 to connect to an
external voltage divider which feeds back to the regulator
error amplifier, thus setting the output voltage to the desired
value.
Applications Information
External Capacitors – Selection
The FAN2534/FAN2535 allows the user to utilize a wide
variety of capacitors compared to other LDO products.
An innovative design approach offers significantly reduced
sensitivity to ESR (Equivalent Series Resistance), which
degrades regulator loop stability in older designs. While the
improvements featured in the FAN2534/FAN2535 family
greatly simplify the design task, capacitor quality still must
be considered if the designer is to achieve optimal circuit
performance. In general, ceramic capacitors offer superior
ESR performance, and a smaller case size than tantalums.
Input Capacitor
An input capacitor of 2.2µF (nominal value) or greater,
connected between the Input pin and Ground, placed in close
proximity to the device, will improve transient response and
ripple rejection. Higher values will further improve ripple
rejection and transient response. An input capacitor is
recommended when the input source, either a battery or
a regulated AC voltage, is located far from the device.
Any good quality ceramic, tantalum, or metal film capacitor
will give acceptable performance, however in extreme cases
capacitor surge current ratings may have to be considered.
Output Capacitor
An output capacitor is required to maintain regulator loop
stability. Stable operation will be achieved with a wide
variety of capacitors with ESR values ranging from 0m
up to 400m
Ω. Multilayer ceramic, tantalum or aluminum
electrolytic capacitors may be used. A nominal value of at
least 1µF is recommended. Note that the choice of output
capacitor effects load transient response, ripple rejection,
and it has a slight effect on noise performance as well.
Bypass Capacitor (FAN2534-XX Only)
In the fixed-voltage configuration, connecting a capacitor
between the bypass pin and ground can significantly reduce
output noise. Values ranging from 0pF to 47nF can be used,
depending on the sensitivity to output noise in the application.
At the high-impedance Bypass pin, care must be taken in the
PCB layout to minimize noise pickup, and capacitors must
be selected to minimize current loading (leakage). Noise
pickup from external sources can be considerable. Leakage
currents into the Bypass pin will directly affect regulator
accuracy and should be kept as low as possible; thus, high-
quality ceramic and film types are recommended for their
low leakage characteristics. Cost-sensitive applications not
concerned with noise can omit this capacitor.


Similar Part No. - FAN2534S26X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
logo
ON Semiconductor
FAN2500 ONSEMI-FAN2500 Datasheet
890Kb / 14P
   100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2500S25X FAIRCHILD-FAN2500S25X Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2500S25X FAIRCHILD-FAN2500S25X Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
More results

Similar Description - FAN2534S26X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com