Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTC8135 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTC8135
Description  LINER INTERFRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC8135 Datasheet(HTML) 3 Page - Unisonic Technologies

  UTC8135 Datasheet HTML 1Page - Unisonic Technologies UTC8135 Datasheet HTML 2Page - Unisonic Technologies UTC8135 Datasheet HTML 3Page - Unisonic Technologies UTC8135 Datasheet HTML 4Page - Unisonic Technologies UTC8135 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTC81XX
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R119-001,I
PARAMETER
SYMBOL
(*1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UTC 8135
3.395
3.500
3.605
UTC 8134
3.298
3.400
3.502
UTC 8133
3.201
3.300
3.399
UTC 8132
3.104
3.200
3.296
UTC 8131
3.007
3.100
3.193
UTC 8130
2.910
3.000
3.090
UTC 8129
2.813
2.900
2.987
UTC 8128
2.716
2.800
2.884
UTC 8127
2.619
2.700
2.781
UTC 8126
2.522
2.600
2.678
UTC 8125
2.425
2.500
2.575
UTC 8124
2.328
2.400
2.472
UTC 8123
2.231
2.300
2.369
UTC 8122
2.134
2.200
2.266
UTC 8121
2.037
2.100
2.163
UTC 8120
1.940
2.000
2.060
UTC 8119
1.843
1.900
1.957
UTC 8118
1.746
1.800
1.854
Hysteresis Voltage
∆Vs
1
RL=470
Ω, Vcc=L->H->L,
Vo=Vcc
30
50
100
mV
Detection Voltage Temperature
Coefficient
Vs/
∆T
1
RL=470
Ω, Ta=-20~+75°C
Vo=Vcc
±0.01
%/
°C
Low Level Output Voltage
VOL
1
Vcc=Vs min.-0.05V,
RL=470
Ω , Vo=Vcc
0.2
0.4
V
Output Leakage Current
IOH
1
Vcc=10V , Vo=Vcc
±0.1
µA
Circuit Current at ON Time
ICCL
1
Vcc=Vs min.-0.05V, RL=
∞,
Vo=Vcc
3
5
µA
Circuit Current at OFF Time
ICCH
1
Vcc=Vs typ./0.85, RL=
∞,
Vo=Vcc
3
5
µA
“H” Transmission Delay Time
TpLH (*2)
2
CL=100pF, RL=4.7K
20
60
µS
“L” Transmission Delay Time
TpHL (*3)
2
CL=100pF, RL=4.7k
20
60
µS
Operating Threshold Voltage
VOPL
1
RL=4.7k
Ω, VOL<=0.4V
0.65
0.85
V
Output current at ON Time 1
IOL1
1
RL=0, Vcc=Vs min.-0.05V,
Vo=0.4V
5
mA
Output current at ON Time 2
IOL2
1
Ta=-20~+75
°C
RL=0, Vcc=Vs min.-0.15V
Vo=0.4V
3
mA
Note:
(*1) MEASUREMENT CIRCUIT
(*2) TpLH: Vcc=(Vs Typ. –0.4V) -> (Vs Typ. +0.4V)
(*3) TpHL: Vcc=(Vs Typ. +0.4V) -> (Vs Typ. -0.4V)


Similar Part No. - UTC8135

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC812 UTC-UTC812 Datasheet
151Kb / 5P
   MICROPROCESSOR RESET IC
UTC812G-X-AE2-R UTC-UTC812G-X-AE2-R Datasheet
151Kb / 5P
   MICROPROCESSOR RESET IC
UTC812G-X-AE2-R UTC-UTC812G-X-AE2-R Datasheet
151Kb / 5P
   MICROPROCESSOR RESET IC
UTC812 UTC-UTC812_15 Datasheet
151Kb / 5P
   MICROPROCESSOR RESET IC
More results

Similar Description - UTC8135

ManufacturerPart #DatasheetDescription
logo
Changyuntong Semiconduc...
CYT3000C CYT-CYT3000C Datasheet
667Kb / 8P
   HIgh-Power Intercontrolled Integrated Circuit LIner Control Integrated Circuit
CYT3000A CYT-CYT3000A Datasheet
453Kb / 6P
   HIgh-Power Intercontrolled Integrated Circuit LIner Control Integrated Circuit
CYT3000B CYT-CYT3000B Datasheet
593Kb / 8P
   HIgh-Power Intercontrolled Integrated Circuit LIner Control Integrated Circuit
logo
Toshiba Semiconductor
TA2136F TOSHIBA-TA2136F Datasheet
145Kb / 7P
   TOSHIBA Bipolar Liner Integrated Circuit Silicon Monolithic
logo
ON Semiconductor
LC898301XA ONSEMI-LC898301XA Datasheet
189Kb / 12P
   Liner Vibrator Driver IC
October, 2013 Ver. 2.1
logo
Bright Power Semiconduc...
BP5152HC BPS-BP5152HC Datasheet
497Kb / 2P
   Mains Dimmable Liner LED Driver
logo
Ralston Instruments.
NPAK-0080 RALSTON-NPAK-0080 Datasheet
206Kb / 1P
   NPAK gauge compartment with foam liner
logo
Bright Power Semiconduc...
BP5132HC BPS-BP5132HC Datasheet
494Kb / 2P
   Mains Dimmable Liner LED Driver
logo
ON Semiconductor
LC898301AXA ONSEMI-LC898301AXA Datasheet
160Kb / 12P
   Liner Vibrator Driver IC CMOS LSI
May, 2022 - Rev. 4
logo
3M Electronics
1538L 3M-1538L Datasheet
51Kb / 2P
   3MTM Medical Rayon Woven Tape on Liner
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com