Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM39F020-70JCE Datasheet(PDF) 8 Page - PMC-Sierra, Inc

Part # PM39F020-70JCE
Description  1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM39F020-70JCE Datasheet(HTML) 8 Page - PMC-Sierra, Inc

Back Button PM39F020-70JCE Datasheet HTML 4Page - PMC-Sierra, Inc PM39F020-70JCE Datasheet HTML 5Page - PMC-Sierra, Inc PM39F020-70JCE Datasheet HTML 6Page - PMC-Sierra, Inc PM39F020-70JCE Datasheet HTML 7Page - PMC-Sierra, Inc PM39F020-70JCE Datasheet HTML 8Page - PMC-Sierra, Inc PM39F020-70JCE Datasheet HTML 9Page - PMC-Sierra, Inc PM39F020-70JCE Datasheet HTML 10Page - PMC-Sierra, Inc PM39F020-70JCE Datasheet HTML 11Page - PMC-Sierra, Inc PM39F020-70JCE Datasheet HTML 12Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Programmable Microelectronics Corp.
Issue Date: March, 2004, Rev: 1.3
PMC
Pm39F010 / Pm39F020 / Pm39F040
8
DEVICE OPERATION (CONTINUED)
CHIP ERASE
The entire memory array can be erased through a chip
erase operation. Pre-programs the devices are not
required prior to a chip erase operation. Chip erase starts
immediately after a six-bus-cycle chip erase command
sequence. All commands will be ignored once the chip
erase operation has started. The devices will return to
standby mode after the completion of chip erase.
SECTOR AND BLOCK ERASE
The memory array of Pm39F010/020/040 are organized
into uniform 4 Kbyte sectors. A sector erase operation
allows to erase any individual sector without affecting
the data in others. The memory array of those devices
are also organized into uniform 64 Kbyte blocks (sector
group - consists of sixteen adjacent sectors). A block
erase operation allows to erase any individual block. The
sector or block erase operation is similar to chip erase.
I/O7 DATA# POLLING
The Pm39F010/020/040 provide a Data# Polling feature
to indicate the progress or completion of a program and
erase cycles. During a program cycle, an attempt to
read the devices will result in the complement of the last
loaded data on I/O7. Once the program operation is com-
pleted, the true data of the last loaded data is valid on all
outputs. During a sector, block, or chip erase cycle, an
attempt to read the device will result a “0” on I/O7. After
the erase operation is completed, an attempt to read
the device will result a “1” on I/O7.
I/O6 TOGGLE BIT
The Pm39F010/020/040 also provide a Toggle Bit fea-
ture to detect the progress or completion of a program
and erase cycles. During a program or erase cycle, an
attempt to read data from the device will result a tog-
gling between “1” and “0” on I/O6. When the program or
erase operation is complete, I/O6 will stop toggling and
valid data will be read. Toggle bit may be accessed at
any time during a program or erase cycle.
HARDWARE DATA PROTECTION
Hardware data protection protects the devices from un-
intentional erase or program operation. It is performed
in the following ways: (a) VCC sense: if VCC is below 3.8
V (typical), the write operation is inhibited. (b) Write
inhibit: holding any of the signal OE# low, CE# high, or
WE# high inhibits a write cycle. (c) Noise filter: pulses
of less than 5 ns (typical) on the WE# or CE# input will
not initiate a write operation.
n
o
i
t
a
c
i
f
i
t
n
e
d
I
t
c
u
d
o
r
Pa
t
a
D
D
I
r
e
r
u
t
c
a
f
u
n
a
Mh
D
9
:
D
I
e
c
i
v
e
D
0
1
0
F
9
3
m
Ph
C
1
0
2
0
F
9
3
m
Ph
D
4
0
4
0
F
9
3
m
Ph
E
4
Table 1. Product Identification


Similar Part No. - PM39F020-70JCE

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM390 ARTESYN-PM390 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390CE ARTESYN-PM390CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390K ARTESYN-PM390K Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391 ARTESYN-PM391 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391CE ARTESYN-PM391CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
More results

Similar Description - PM39F020-70JCE

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM49FL002 PMC-PM49FL002 Datasheet
208Kb / 46P
   2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
Silicon Storage Technol...
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
logo
AMIC Technology
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
Integrated Silicon Solu...
IS49FL004T ISSI-IS49FL004T Datasheet
1Mb / 45P
   4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
Elite Semiconductor Mem...
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com