Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM39F020-55PCE Datasheet(PDF) 6 Page - PMC-Sierra, Inc

Part # PM39F020-55PCE
Description  1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM39F020-55PCE Datasheet(HTML) 6 Page - PMC-Sierra, Inc

Back Button PM39F020-55PCE Datasheet HTML 2Page - PMC-Sierra, Inc PM39F020-55PCE Datasheet HTML 3Page - PMC-Sierra, Inc PM39F020-55PCE Datasheet HTML 4Page - PMC-Sierra, Inc PM39F020-55PCE Datasheet HTML 5Page - PMC-Sierra, Inc PM39F020-55PCE Datasheet HTML 6Page - PMC-Sierra, Inc PM39F020-55PCE Datasheet HTML 7Page - PMC-Sierra, Inc PM39F020-55PCE Datasheet HTML 8Page - PMC-Sierra, Inc PM39F020-55PCE Datasheet HTML 9Page - PMC-Sierra, Inc PM39F020-55PCE Datasheet HTML 10Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Programmable Microelectronics Corp.
Issue Date: March, 2004, Rev: 1.3
PMC
Pm39F010 / Pm39F020 / Pm39F040
6
PIN DESCRIPTIONS
L
O
B
M
Y
SE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
A
-
0
A
S
M
)
1
(
T
U
P
N
I
y
ll
a
n
r
e
t
n
i
e
r
a
s
e
s
s
e
r
d
d
A
.
t
u
p
n
i
s
e
s
s
e
r
d
d
a
y
r
o
m
e
m
r
o
F
:
s
t
u
p
n
I
s
s
e
r
d
d
A
.
e
l
c
y
c
e
t
i
r
w
a
g
n
i
r
u
d
#
E
W
f
o
e
g
d
e
g
n
il
l
a
f
e
h
t
n
o
d
e
h
c
t
a
l
#
E
CT
U
P
N
I
r
o
f
s
e
i
r
t
i
u
c
r
i
c
l
a
n
r
e
t
n
i
s
'
e
c
i
v
e
d
e
h
t
s
e
t
a
v
i
t
c
a
w
o
l
s
e
o
g
#
E
C
:
e
l
b
a
n
E
p
i
h
C
o
t
n
i
s
e
h
c
t
i
w
s
d
n
a
e
c
i
v
e
d
e
h
t
s
t
c
e
l
e
s
e
d
h
g
i
h
s
e
o
g
#
E
C
.
n
o
i
t
a
r
e
p
o
e
c
i
v
e
d
.
n
o
i
t
p
m
u
s
n
o
c
r
e
w
o
p
e
h
t
e
c
u
d
e
r
o
t
e
d
o
m
y
b
d
n
a
t
s
#
E
WT
U
P
N
I
.
w
o
l
e
v
i
t
c
a
s
i
#
E
W
.
n
o
i
t
a
r
e
p
o
e
t
i
r
w
r
o
f
e
c
i
v
e
d
e
h
t
e
t
a
v
i
t
c
A
:
e
l
b
a
n
E
e
t
i
r
W
#
E
OT
U
P
N
I
#
E
O
.
e
l
c
y
c
d
a
e
r
a
g
n
i
r
u
d
s
r
e
f
f
u
b
t
u
p
t
u
o
s
'
e
c
i
v
e
d
e
h
t
l
o
r
t
n
o
C
:
e
l
b
a
n
E
t
u
p
t
u
O
.
w
o
l
e
v
i
t
c
a
s
i
7
O
/
I
-
0
O
/
I
/
T
U
P
N
I
T
U
P
T
U
O
a
t
a
d
t
u
p
t
u
o
r
o
e
l
c
y
c
e
t
i
r
w
a
g
n
i
r
u
d
a
t
a
d
/
d
n
a
m
m
o
c
t
u
p
n
I
:
s
t
u
p
t
u
O
/
s
t
u
p
n
I
a
t
a
D
.
d
e
l
b
a
s
i
d
e
r
a
#
E
O
n
e
h
w
e
t
a
t
s
-
i
r
t
o
t
t
a
o
l
f
s
n
i
p
O
/
I
e
h
T
.
e
l
c
y
c
d
a
e
r
a
g
n
i
r
u
d
V
C
C
y
l
p
p
u
S
r
e
w
o
P
e
c
i
v
e
D
D
N
Gd
n
u
o
r
G
C
Nn
o
i
t
c
e
n
n
o
C
o
N
Note:
1.
AMS is the most significant address where AMS = A16 for Pm39F010, A17 for Pm39F020, and A18 for
Pm39F040.


Similar Part No. - PM39F020-55PCE

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM390 ARTESYN-PM390 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390CE ARTESYN-PM390CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390K ARTESYN-PM390K Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391 ARTESYN-PM391 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391CE ARTESYN-PM391CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
More results

Similar Description - PM39F020-55PCE

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM49FL002 PMC-PM49FL002 Datasheet
208Kb / 46P
   2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
Silicon Storage Technol...
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
logo
AMIC Technology
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
Integrated Silicon Solu...
IS49FL004T ISSI-IS49FL004T Datasheet
1Mb / 45P
   4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
Elite Semiconductor Mem...
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com