Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP58D Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10EP58D
Description  2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP58D Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EP58D Datasheet HTML 1Page - ON Semiconductor MC10EP58D Datasheet HTML 2Page - ON Semiconductor MC10EP58D Datasheet HTML 3Page - ON Semiconductor MC10EP58D Datasheet HTML 4Page - ON Semiconductor MC10EP58D Datasheet HTML 5Page - ON Semiconductor MC10EP58D Datasheet HTML 6Page - ON Semiconductor MC10EP58D Datasheet HTML 7Page - ON Semiconductor MC10EP58D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10EP58
http://onsemi.com
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VEE
Power Supply (VCC = 0V)
–6.0 to 0
VDC
VCC
Power Supply (VEE = 0V)
6.0 to 0
VDC
VI
Input Voltage (VCC = 0V, VI not more negative than VEE)
–6.0 to 0
VDC
VI
Input Voltage (VEE = 0V, VI not more positive than VCC)
6.0 to 0
VDC
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
–40 to +85
°C
Tstg
Storage Temperature
–65 to +150
°C
θJA
Thermal Resistance (Junction–to–Ambient)
Still Air
500lfpm
190
130
°C/W
θJC
Thermal Resistance (Junction–to–Case)
41 to 44
± 5%
°C/W
Tsol
Solder Temperature (<2 to 3 Seconds: 245
°C desired)
265
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
DC CHARACTERISTICS, ECL/LVECL (VCC = 0V; VEE = –5.5V to –3.0V) (Note 3.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
(Note 1.)
20
28
37
20
30
39
22
31
40
mA
VOH
Output HIGH Voltage
(Note 2.)
–1135
–1060
–885
–1070
–945
–820
–1010
–885
–760
mV
VOL
Output LOW Voltage
(Note 2.)
–1935
–1810
–1685
–1870
–1745
–1620
–1810
–1685
–1560
mV
VIH
Input HIGH Voltage
Single Ended
–1210
–885
–1145
–820
–1085
–760
mV
VIL
Input LOW Voltage
Single Ended
–1935
–1610
–1870
–1545
–1810
–1485
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
D
D
0.5
–150
0.5
–150
0.5
–150
µA
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
1. VCC = 0V, VEE = VEEmin to VEEmax, all other pins floating.
2. All loading with 50 ohms to VCC–2.0 volts.
3. Input and output parameters vary 1:1 with VCC.


Similar Part No. - MC10EP58D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP58D ONSEMI-MC10EP58D Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
MC10EP58D ONSEMI-MC10EP58D Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC10EP58D ONSEMI-MC10EP58D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EP58DG ONSEMI-MC10EP58DG Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC10EP58DG ONSEMI-MC10EP58DG Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
More results

Similar Description - MC10EP58D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
66Kb / 4P
   2:1 Multiplexer
February, 2000 ??Rev. 1
MC10EL58 ONSEMI-MC10EL58 Datasheet
72Kb / 2P
   2:1 Multiplexer
1996 REV 2
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58_05 Datasheet
49Kb / 4P
   2:1 MULTIPLEXER
SY10EL58 MICREL-SY10EL58 Datasheet
47Kb / 4P
   2:1 MULTIPLEXER
logo
ON Semiconductor
NLASB3157 ONSEMI-NLASB3157 Datasheet
70Kb / 10P
   2:1 Multiplexer
April, 2004 ??Rev. 6
logo
NXP Semiconductors
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_16 Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
logo
Motorola, Inc
MC10E157 MOTOROLA-MC10E157 Datasheet
99Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157_06 Datasheet
65Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E157 ONSEMI-MC10E157 Datasheet
99Kb / 4P
   QUAD 2:1 MULTIPLEXER
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com