Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP56DT Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10EP56DT
Description  Dual Differential 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP56DT Datasheet(HTML) 3 Page - ON Semiconductor

  MC10EP56DT Datasheet HTML 1Page - ON Semiconductor MC10EP56DT Datasheet HTML 2Page - ON Semiconductor MC10EP56DT Datasheet HTML 3Page - ON Semiconductor MC10EP56DT Datasheet HTML 4Page - ON Semiconductor MC10EP56DT Datasheet HTML 5Page - ON Semiconductor MC10EP56DT Datasheet HTML 6Page - ON Semiconductor MC10EP56DT Datasheet HTML 7Page - ON Semiconductor MC10EP56DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10EP56, MC100EP56
http://onsemi.com
3
MAXIMUM RATINGS (Note 2)
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
PECL Mode Power Supply
VEE = 0 V
6
V
VEE
NECL Mode Power Supply
VCC = 0 V
−6
V
VI
PECL Mode Input Voltage
VEE = 0 V
VI  VCC
6
V
VI
PECL Mode In ut Voltage
NECL Mode Input Voltage
VEE
0 V
VCC = 0 V
VI  VCC
VI  VEE
6
−6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 LFPM
500 LFPM
20 TSSOP
20 TSSOP
140
100
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
std bd
20 TSSOP
23 to 41
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 LFPM
500 LFPM
20 SOIC
20 SOIC
90
60
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
std bd
20 SOIC
33 to 35
°C/W
Tsol
Wave Solder
<2 to 3 sec @ 248
°C
265
°C
2. Maximum Ratings are those values beyond which device damage may occur.
10EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 3)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
50
61
75
50
63
75
55
65
78
mA
VOH
Output HIGH Voltage (Note 4)
2165
2290
2415
2230
2355
2480
2290
2415
2540
mV
VOL
Output LOW Voltage (Note 4)
1365
1490
1615
1430
1555
1680
1490
1615
1740
mV
VIH
Input HIGH Voltage (Single−Ended)
2090
2415
2155
2480
2215
2540
mV
VIL
Input LOW Voltage (Single−Ended)
1365
1690
1460
1755
1490
1815
mV
VBB
Output Voltage Reference
1790
1890
1990
1855
1955
2055
1915
2015
2115
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 5)
2.0
3.3
2.0
3.3
2.0
3.3
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
3. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
4. All loading with 50
W to VCC−2.0 volts.
5. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - MC10EP56DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP56DT ONSEMI-MC10EP56DT Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC10EP56DT ONSEMI-MC10EP56DT Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
MC10EP56DTG ONSEMI-MC10EP56DTG Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
MC10EP56DTG ONSEMI-MC10EP56DTG Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
MC10EP56DTR2 ONSEMI-MC10EP56DTR2 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
More results

Similar Description - MC10EP56DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56 Datasheet
113Kb / 4P
   Dual Differential 2:1 Multiplexer
1996 REV 1
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Renesas Technology Corp
ICS854S54I-01 RENESAS-ICS854S54I-01 Datasheet
419Kb / 18P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
July 17, 2017
logo
Integrated Device Techn...
ICS854S54I-01 IDT-ICS854S54I-01 Datasheet
229Kb / 17P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
ICS854S54I-02 RENESAS-ICS854S54I-02 Datasheet
964Kb / 17P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
JULY30, 2010
logo
Integrated Device Techn...
ICS854S54I-02 IDT-ICS854S54I-02 Datasheet
769Kb / 16P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
logo
ON Semiconductor
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V Datasheet
55Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V_06 Datasheet
50Kb / 5P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com