Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS23770 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23770
Description  INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23770 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS23770 Datasheet HTML 4Page - Texas Instruments TPS23770 Datasheet HTML 5Page - Texas Instruments TPS23770 Datasheet HTML 6Page - Texas Instruments TPS23770 Datasheet HTML 7Page - Texas Instruments TPS23770 Datasheet HTML 8Page - Texas Instruments TPS23770 Datasheet HTML 9Page - Texas Instruments TPS23770 Datasheet HTML 10Page - Texas Instruments TPS23770 Datasheet HTML 11Page - Texas Instruments TPS23770 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
www.ti.com
REG.
1.5 V
FB
COMP
GATE
RSP
AUX
COM
VBIAS
+
+
RSN
OSC.
15 kW
SEN
V DD
PWM
COMP.
STATE
LATCH
GATE
DRIVER
DELAY
ERROR
AMP
CE
0.5 V
UVLO
&
OVLO
+
RUN
20 kW
TMR
RUN
FREQ
50 A
m
5 A
m
COM
CE
CLK
CLK
CLK
D
R
Q
0.75 V
SOFT
START
and
FAULT
CTL
REG.
CE
HI
LO
BL
X4
CNTR.
CLK
ENABLE
VBIAS
FAULT
COMP.
MODE
SENP
80 kW
+
15 kW
Translator
CURRENT
LIMIT COMP.
+
10 V
Regulator
375 s
m
0.08 W
+
+
1
1.3 V and
9.3 V
+
VDD
RTN
36 mV
11.2 mV
CLASS
DET
Current
limit
UVLO
RTN
0
1
CE
VSS
+
+
20.5 V
and
18 V
21.9 V
and
21.28 V
1.5 V
and
12 V
39.3 V
and
30.5 V
Thermal
shutdown
0 = Hot
Detect
Class
High
OTSD
RTN
RTN
RTN
UVLO
OTSD
OTSD
OTSD
UVLO
SMPS
SMPS
TPS23750
TPS23770
SLVS590A – JULY 2005 – REVISED AUGUST 2005
BLOCK DIAGRAM
8


Similar Part No. - TPS23770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23770PWP TI1-TPS23770PWP Datasheet
1Mb / 41P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
TPS23770PWPG4 TI1-TPS23770PWPG4 Datasheet
1Mb / 41P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
TPS23770PWPR TI1-TPS23770PWPR Datasheet
1Mb / 41P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
TPS23770PWPRG4 TI1-TPS23770PWPRG4 Datasheet
1Mb / 41P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
More results

Similar Description - TPS23770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23750EVM-108 TI1-TPS23750EVM-108 Datasheet
1Mb / 41P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
logo
Kinetic Technologies.
KTA1136 KINETIC-KTA1136 Datasheet
1Mb / 22P
   IEEE 802.3af PoE PD with Integrated DC-DC Controller and 13W Power FET
January 2021 - Revision 04a
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
Silicon Laboratories
SI3460 SILABS-SI3460 Datasheet
435Kb / 22P
   IEEE 802.3af PSE INTERFACE AND DC-DC CONTROLLER
logo
Kinetic Technologies.
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
   IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
logo
Texas Instruments
TPS2376-H TI-TPS2376-H Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com