Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM514260CLJ-7 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HM514260CLJ-7
Description  262,144-word x 16-bit Dynamic Random Access Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM514260CLJ-7 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HM514260CLJ-7 Datasheet HTML 6Page - Hitachi Semiconductor HM514260CLJ-7 Datasheet HTML 7Page - Hitachi Semiconductor HM514260CLJ-7 Datasheet HTML 8Page - Hitachi Semiconductor HM514260CLJ-7 Datasheet HTML 9Page - Hitachi Semiconductor HM514260CLJ-7 Datasheet HTML 10Page - Hitachi Semiconductor HM514260CLJ-7 Datasheet HTML 11Page - Hitachi Semiconductor HM514260CLJ-7 Datasheet HTML 12Page - Hitachi Semiconductor HM514260CLJ-7 Datasheet HTML 13Page - Hitachi Semiconductor HM514260CLJ-7 Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
HM514260C, HM51S4260C Series
10
Read Cycle
HM514260C, HM51S4260C
-6/-6R
-7
-8
Parameter
Symbol Min
Max
Min
Max
Min
Max
Unit Notes
Access time from
RAS
t
RAC
60
70
80
ns
2, 3
Access time from
CAS
t
CAC
15
20
20
ns
3, 4,
13
Access time from address
t
AA
30
35
40
ns
3, 5,
13
Access time from
OE
t
OAC
15
20
20
ns
23
Read command setup time
t
RCS
0
0
0
ns
19
Read command hold time to
CAS
t
RCH
0
0
0
ns
16, 19
Read command hold time to
RAS
t
RRH
0
0
0
ns
16
Column address to
RAS lead time
t
RAL
30
35
40
ns
Output buffer turn-off time
t
OFF1
015
0
15
015
ns
6
Output buffer turn-off to
OE
t
OFF2
015
0
15
015
ns
6
CAS to Din delay time
t
CDD
15
15
15
ns
Write Cycle
HM514260C, HM51S4260C
-6/-6R
-7
-8
Parameter
Symbol Min
Max
Min
Max
Min
Max
Unit Notes
Write command setup time
t
WCS
0
0
0
ns
10, 19
Write command hold time
t
WCH
15
15
15
ns
19
Write command pulse width
t
WP
10
10
10
ns
Write command to
RAS lead time
t
RWL
20
20
20
ns
Write command to
CAS lead time
t
CWL
20
20
20
ns
21
Data-in setup time
t
DS
0
0
0
ns
11
Data-in hold time
t
DH
15
15
15
ns
11
CAS to OE delay time
t
COD
0
0
0ns
23


Similar Part No. - HM514260CLJ-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM514260A HITACHI-HM514260A Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
HM514260AJ-10 HITACHI-HM514260AJ-10 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
HM514260AJ-7 HITACHI-HM514260AJ-7 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
HM514260AJ-8 HITACHI-HM514260AJ-8 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
HM514260ALJ-10 HITACHI-HM514260ALJ-10 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
More results

Similar Description - HM514260CLJ-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM514170C HITACHI-HM514170C Datasheet
195Kb / 26P
   262,144-word x 16-bit Dynamic Random Access Memory
logo
Texas Instruments
SMJ4256 TI-SMJ4256 Datasheet
947Kb / 19P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
Hitachi Semiconductor
HM5118165A HITACHI-HM5118165A Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118165B HITACHI-HM5118165B Datasheet
1Mb / 31P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118160B HITACHI-HM5118160B Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK532256AW ACCUTEK-AK532256AW Datasheet
67Kb / 2P
   262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
AK59256AS ACCUTEK-AK59256AS Datasheet
96Kb / 2P
   262,144 Word by 9 bit, CMOS Dynamic Random Access Memory
AK536256W ACCUTEK-AK536256W Datasheet
86Kb / 2P
   262,144 Word by 36 Bit CMOS Dynamic Random Access Memory
AK532256W ACCUTEK-AK532256W Datasheet
69Kb / 2P
   262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
logo
NTE Electronics
NTE21256 NTE-NTE21256 Datasheet
42Kb / 6P
   262,144-Bit Dynamic Random Access Memory (DRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com