Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM514260CJ-7 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HM514260CJ-7
Description  262,144-word x 16-bit Dynamic Random Access Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM514260CJ-7 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HM514260CJ-7 Datasheet HTML 4Page - Hitachi Semiconductor HM514260CJ-7 Datasheet HTML 5Page - Hitachi Semiconductor HM514260CJ-7 Datasheet HTML 6Page - Hitachi Semiconductor HM514260CJ-7 Datasheet HTML 7Page - Hitachi Semiconductor HM514260CJ-7 Datasheet HTML 8Page - Hitachi Semiconductor HM514260CJ-7 Datasheet HTML 9Page - Hitachi Semiconductor HM514260CJ-7 Datasheet HTML 10Page - Hitachi Semiconductor HM514260CJ-7 Datasheet HTML 11Page - Hitachi Semiconductor HM514260CJ-7 Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
HM514260C, HM51S4260C Series
8
DC Characteristics (Ta = 0 to 70
°C, V
CC = 5 V ±5%, VSS = 0 V) (HM51(S)4260C-6R)
(Ta = 0 to 70
°C, V
CC = 5 V ±10%, VSS = 0 V)
(HM51(S)4260C-6/7/8) (cont)
HM514260C, HM51S4260C
-6/-6R
-7
-8
Parameter
Symbol Min
Max Min
Max Min
Max Unit
Test Conditions
Input leakage
current
I
LI
–10
10
–10
10
–10
10
µA
0 V
≤ Vin ≤ 6.5 V
Output leakage
current
I
LO
–10
10
–10
10
–10
10
µA
0 V
≤ Vout ≤ 6.5 V, Dout = disable
Output high voltage V
OH
2.4
V
CC
2.4
V
CC
2.4
V
CC
V
High Iout = –5.0 mA
Output low voltage
V
OL
0
0.4
0
0.4
0
0.4
V
Low Iout = 4.2 mA
Notes: 1. I
CC depends on output load condition when the device is selected.
I
CC max is specified at the output
open condition.
2. Address can be changed once or less while
RAS = V
IL.
3. Address can be changed once or less while
UCAS and LCAS = V
IH.
4. V
IH ≥ V CC – 0.2 V,
0
≤ V
IL ≤ 0.2 V, Address can be changed once or less while RAS = VIL
5. All the V
CC pins shall be supplied with the same voltage.
And all the V
SS pins shall be supplied with
the same voltage.
Capacitance (Ta = +25
°C, V
CC = 5 V ±5%) (HM51(S)4260C-6R)
(Ta = +25
°C, V
CC = 5 V ±10%) (HM51(S)4260C-6/7/8)
Parameter
Symbol
Typ
Max
Unit
Notes
Input capacitance (Address)
C
I1
5pF
1
Input capacitance (Clocks)
C
I2
7pF
1
Output capacitance (Data-in, Data-out)
C
I/O
10
pF
1, 2
Notes: 1. Capacitance measured with Boonton Meter or effective capacitance measuring method.
2.
UCAS and LCAS = V
IH to disable Dout


Similar Part No. - HM514260CJ-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM514260A HITACHI-HM514260A Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
HM514260AJ-10 HITACHI-HM514260AJ-10 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
HM514260AJ-7 HITACHI-HM514260AJ-7 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
HM514260AJ-8 HITACHI-HM514260AJ-8 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
HM514260ALJ-10 HITACHI-HM514260ALJ-10 Datasheet
1Mb / 21P
   262, 144-Word x 16-Bit Dynamic Random Access Memory
More results

Similar Description - HM514260CJ-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM514170C HITACHI-HM514170C Datasheet
195Kb / 26P
   262,144-word x 16-bit Dynamic Random Access Memory
logo
Texas Instruments
SMJ4256 TI-SMJ4256 Datasheet
947Kb / 19P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORY
logo
Hitachi Semiconductor
HM5118165A HITACHI-HM5118165A Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118165B HITACHI-HM5118165B Datasheet
1Mb / 31P
   1048576-word x 16-bit Dynamic Random Access Memory
HM5118160B HITACHI-HM5118160B Datasheet
1Mb / 27P
   1048576-word x 16-bit Dynamic Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK532256AW ACCUTEK-AK532256AW Datasheet
67Kb / 2P
   262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
AK59256AS ACCUTEK-AK59256AS Datasheet
96Kb / 2P
   262,144 Word by 9 bit, CMOS Dynamic Random Access Memory
AK536256W ACCUTEK-AK536256W Datasheet
86Kb / 2P
   262,144 Word by 36 Bit CMOS Dynamic Random Access Memory
AK532256W ACCUTEK-AK532256W Datasheet
69Kb / 2P
   262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
logo
NTE Electronics
NTE21256 NTE-NTE21256 Datasheet
42Kb / 6P
   262,144-Bit Dynamic Random Access Memory (DRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com