Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMM53632004CKG Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KMM53632004CKG
Description  32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM53632004CKG Datasheet(HTML) 4 Page - Samsung semiconductor

  KMM53632004CKG Datasheet HTML 1Page - Samsung semiconductor KMM53632004CKG Datasheet HTML 2Page - Samsung semiconductor KMM53632004CKG Datasheet HTML 3Page - Samsung semiconductor KMM53632004CKG Datasheet HTML 4Page - Samsung semiconductor KMM53632004CKG Datasheet HTML 5Page - Samsung semiconductor KMM53632004CKG Datasheet HTML 6Page - Samsung semiconductor KMM53632004CKG Datasheet HTML 7Page - Samsung semiconductor KMM53632004CKG Datasheet HTML 8Page - Samsung semiconductor KMM53632004CKG Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DRAM MODULE
KMM53632004CK/CKG
FUNCTIONAL BLOCK DIAGRAM
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
CAS0
RAS0
U0
Vcc
Vss
0.1 or 0.22uF Capacitor
for each DRAM
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U1
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U3
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U4
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U6
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U7
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U9
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U10
To all DRAMs
CAS1
CAS2
RAS2
CAS3
W
A0-A11
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
CAS0
RAS1
U12
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U13
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U15
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U16
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U18
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U19
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U21
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U22
CAS1
CAS2
RAS3
CAS3
DQ0~DQ3
DQ4~DQ7
DQ9~DQ12
DQ13~DQ16
DQ18~DQ21
DQ22~DQ25
DQ27~DQ30
DQ31~DQ34
CAS
RAS
DQ8
D
Q
W A0-A11
U2
CAS
RAS
D
Q
W A0-A11
U14
CAS
RAS
DQ17
D
Q
W A0-A11
U5
CAS
RAS
D
Q
W A0-A11
U17
CAS
RAS
DQ26
D
Q
W A0-A11
U8
CAS
RAS
D
Q
W A0-A11
U20
CAS
RAS
DQ35
D
Q
W A0-A11
U11
CAS
RAS
D
Q
W A0-A11
U23


Similar Part No. - KMM53632004CKG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM53632004BK SAMSUNG-KMM53632004BK Datasheet
434Kb / 19P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
KMM53632004BKG SAMSUNG-KMM53632004BKG Datasheet
434Kb / 19P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
More results

Similar Description - KMM53632004CKG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM53632000CK SAMSUNG-KMM53632000CK Datasheet
428Kb / 20P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53632000BK SAMSUNG-KMM53632000BK Datasheet
389Kb / 18P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53632004BK SAMSUNG-KMM53632004BK Datasheet
434Kb / 19P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
KMM53616000BK SAMSUNG-KMM53616000BK Datasheet
371Kb / 18P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53616004CK SAMSUNG-KMM53616004CK Datasheet
453Kb / 21P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53616000CK SAMSUNG-KMM53616000CK Datasheet
410Kb / 20P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53616004BK SAMSUNG-KMM53616004BK Datasheet
415Kb / 19P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53232004CK SAMSUNG-KMM53232004CK Datasheet
459Kb / 21P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232004BK SAMSUNG-KMM53232004BK Datasheet
420Kb / 19P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000CK SAMSUNG-KMM53232000CK Datasheet
412Kb / 20P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com