Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMM5368003BSWG Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KMM5368003BSWG
Description  8M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5368003BSWG Datasheet(HTML) 1 Page - Samsung semiconductor

  KMM5368003BSWG Datasheet HTML 1Page - Samsung semiconductor KMM5368003BSWG Datasheet HTML 2Page - Samsung semiconductor KMM5368003BSWG Datasheet HTML 3Page - Samsung semiconductor KMM5368003BSWG Datasheet HTML 4Page - Samsung semiconductor KMM5368003BSWG Datasheet HTML 5Page - Samsung semiconductor KMM5368003BSWG Datasheet HTML 6Page - Samsung semiconductor KMM5368003BSWG Datasheet HTML 7Page - Samsung semiconductor KMM5368003BSWG Datasheet HTML 8Page - Samsung semiconductor KMM5368003BSWG Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DRAM MODULE
KMM5368003BSW/BSWG
KMM5368003BSW/BSWG Fast Page Mode
8M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
The Samsung KMM5368003B is a 8Mx36bits Dynamic RAM
high density memory module. The Samsung KMM5368003B
consists of four CMOS 4Mx16bits and two CMOS Quad CAS
4Mx4bits DRAMs in TSOP packages mounted on a 72-pin
glass-epoxy substrate. A 0.1 or 0.22uF decoupling capacitor
is mounted on the printed circuit board for each DRAM. The
KMM5368003B is a Single In-line Memory Module with edge
connections and is intended for mounting into 72 pin edge
connector sockets.
• Part Identification
- KMM5368003BSW(4K cycles/64ms Ref, TSOP, Solder)
- KMM5368003BSWG(4K cycles/64ms Ref, TSOP, Gold)
• Fast Page Mode Operation
• CAS-before-RAS & Hidden Refresh capability
• RAS-only refresh capability
• TTL compatible inputs and outputs
• Single +5V
±10% power supply
• JEDEC standard PDpin & pinout
• PCB : Height(1000mil), double sided component
GENERAL DESCRIPTION
FEATURES
PERFORMANCE RANGE
Speed
tRAC
tCAC
tRC
tPC
-5
50ns
13ns
90ns
35ns
-6
60ns
15ns
110ns
40ns
PIN NAMES
Pin Name
Function
A0 - A11
Address Inputs
DQ0 - 35
Data In/Out
W
Read/Write Enable
RAS0 - RAS3
Row Address Strobe
CAS0 - CAS3
Column Address Strobe
PD1 -PD4
Presence Detect
Vcc
Power(+5V)
Vss
Ground
NC
No Connection
PRESENCE DETECT PINS (Optional)
Pin
50NS
60NS
PD1
PD2
PD3
PD4
NC
Vss
Vss
Vss
NC
Vss
NC
NC
PIN CONFIGURATIONS
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
Symbol
VSS
DQ0
DQ18
DQ1
DQ19
DQ2
DQ20
DQ3
DQ21
Vcc
NC
A0
A1
A2
A3
A4
A5
A6
A10
DQ4
DQ22
DQ5
DQ23
DQ6
DQ24
DQ7
DQ25
A7
A11
Vcc
A8
A9
RAS3
RAS2
DQ26
DQ8
Pin
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
Symbol
DQ17
DQ35
Vss
CAS0
CAS2
CAS3
CAS1
RAS0
RAS1
NC
W
NC
DQ9
DQ27
DQ10
DQ28
DQ11
DQ29
DQ12
DQ30
DQ13
DQ31
Vcc
DQ32
DQ14
DQ33
DQ15
DQ34
DQ16
NC
PD1
PD2
PD3
PD4
NC
Vss
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.


Similar Part No. - KMM5368003BSWG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5361203C2W SAMSUNG-KMM5361203C2W Datasheet
280Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh
KMM5361203C2WG SAMSUNG-KMM5361203C2WG Datasheet
280Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh
KMM5361205C2W SAMSUNG-KMM5361205C2W Datasheet
289Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5361205C2WG SAMSUNG-KMM5361205C2WG Datasheet
289Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM53616000BK SAMSUNG-KMM53616000BK Datasheet
371Kb / 18P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
More results

Similar Description - KMM5368003BSWG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5364005BSW SAMSUNG-KMM5364005BSW Datasheet
393Kb / 19P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003BSW SAMSUNG-KMM5364003BSW Datasheet
351Kb / 18P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003CSW SAMSUNG-KMM5364003CSW Datasheet
391Kb / 20P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364005CSW SAMSUNG-KMM5364005CSW Datasheet
415Kb / 21P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5328004BSW SAMSUNG-KMM5328004BSW Datasheet
406Kb / 19P
   8M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5328004CSW SAMSUNG-KMM5328004CSW Datasheet
440Kb / 21P
   8M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5364005CK SAMSUNG-KMM5364005CK Datasheet
277Kb / 15P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K, Refresh, 5V
KMM5364003CK SAMSUNG-KMM5364003CK Datasheet
286Kb / 17P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K Refresh, 5V
KMM5328000CK SAMSUNG-KMM5328000CK Datasheet
271Kb / 15P
   8M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5324004BSW SAMSUNG-KMM5324004BSW Datasheet
401Kb / 19P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com