Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54LVTH162245RPFE Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 54LVTH162245RPFE
Description  16-Bit Bus Transceivers with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

54LVTH162245RPFE Datasheet(HTML) 3 Page - Maxwell Technologies

  54LVTH162245RPFE Datasheet HTML 1Page - Maxwell Technologies 54LVTH162245RPFE Datasheet HTML 2Page - Maxwell Technologies 54LVTH162245RPFE Datasheet HTML 3Page - Maxwell Technologies 54LVTH162245RPFE Datasheet HTML 4Page - Maxwell Technologies 54LVTH162245RPFE Datasheet HTML 5Page - Maxwell Technologies 54LVTH162245RPFE Datasheet HTML 6Page - Maxwell Technologies 54LVTH162245RPFE Datasheet HTML 7Page - Maxwell Technologies 54LVTH162245RPFE Datasheet HTML 8Page - Maxwell Technologies 54LVTH162245RPFE Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
All data sheets are subject to change without notice
©2002 Maxwell Technologies
All rights reserved.
16-Bit Bus Transceivers with 3-State Outputs
54LVTH162245
11.15.02 Rev 2
TABLE 3. DELTA LIMITS
PARAMETER
VARIATION
I
CC(OL)
±10% of specified value in Table 5
I
CC(OH)
±10% of specified value in Table 5
I
CC(OD)
±10% of specified value in Table 5
TABLE 4. 54LVTH162245 RECOMMENDED OPERATING CONDITIONS 1
1. All unused control inputs of the device must be held at high or low ensure proper device operation.
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply voltage
V
CC
2.7
3.6
V
High-level input voltage
V
IH
2--
V
Low-level input voltage
V
IL
--
0.8
V
Input voltage
V
I
--
5.5
V
High-level output current
A port
I
OH
--
-12
mA
B port
--
-24
Low-level output current
A port
I
OL
--
12
mA
B port
--
48
Input transition rise or fall rate
Outputs
enabled
t/v--
10
ns/V
Power-up ramp rate
t/V
CC
200
--
µ s/V
Operating temperature
T
A
-55
125
°C
TABLE 5. 54LVTH162245 DC ELECTRICAL CHARACTERISTICS
(V
CC = 3.3V ±10%, TA =-55 TO +125
°C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
TEST CONDITIONS
SUBGROUPS
MIN
MAX
UNIT
Input Clamp Voltage
V
IK
V
CC =2.7
I
I = -18 mA
1, 2, 3
--
-1.2
V
High-Level Output
Voltage
V
OH
V
CC =2.7Vto
3.6V
I
OH = -100 µ A
A Port
1, 2, 3
V
CC -0.2
--
V
V
CC =3V
I
OH =-12 mA
2
--
V
CC =2.7Vto
3.6V
I
OH = -100 µ A
B Port
1, 2, 3
V
CC -0.2
--
V
CC =2.7V
I
OH =-8mA
2.4
V
CC =3V,
I
OH =-24 mA
2


Similar Part No. - 54LVTH162245RPFE

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
54LVTH162244 MAXWELL-54LVTH162244 Datasheet
214Kb / 9P
   16-Bit Buffers/Drivers with 3-State Outputs
54LVTH162244RPF MAXWELL-54LVTH162244RPF Datasheet
214Kb / 9P
   16-Bit Buffers/Drivers with 3-State Outputs
54LVTH162244RPFB MAXWELL-54LVTH162244RPFB Datasheet
214Kb / 9P
   16-Bit Buffers/Drivers with 3-State Outputs
54LVTH162244RPFE MAXWELL-54LVTH162244RPFE Datasheet
214Kb / 9P
   16-Bit Buffers/Drivers with 3-State Outputs
54LVTH162244RPFI MAXWELL-54LVTH162244RPFI Datasheet
214Kb / 9P
   16-Bit Buffers/Drivers with 3-State Outputs
More results

Similar Description - 54LVTH162245RPFE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16640 TI-54AC16640 Datasheet
116Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com