Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMM5322104CKU Datasheet(PDF) 9 Page - Samsung semiconductor

Part # KMM5322104CKU
Description  2M x 32 DRAM SIMM using 2Mx8 , 2K Refresh, 5V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5322104CKU Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button KMM5322104CKU Datasheet HTML 5Page - Samsung semiconductor KMM5322104CKU Datasheet HTML 6Page - Samsung semiconductor KMM5322104CKU Datasheet HTML 7Page - Samsung semiconductor KMM5322104CKU Datasheet HTML 8Page - Samsung semiconductor KMM5322104CKU Datasheet HTML 9Page - Samsung semiconductor KMM5322104CKU Datasheet HTML 10Page - Samsung semiconductor KMM5322104CKU Datasheet HTML 11Page - Samsung semiconductor KMM5322104CKU Datasheet HTML 12Page - Samsung semiconductor KMM5322104CKU Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DRAM MODULE
KMM5322104CKU/CKUG
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
COLUMN
ADDRESS
ROW
ADDR.
tRASP
tRP
tRCD
tASR
tCRP
Don
′t care
HYPER PAGE WRITE CYCLE ( EARLY WRITE )
Undefined
VIH -
VIL -
DQ
tRHCP
tRAD
tRAH
tCAH
tCAH
tASC
tCAH
tASC
VALID
DATA-IN
tDS
¡ó
COLUMN
ADDRESS
COLUMN
ADDRESS
tCAS
tCP
tCAS
tCP
tCAS
tRSH
¡ó
tCSH
tASC
¡ó
¡ó
tWP
tWCS
tWCH
tWP
tWCS
tWCH
tWP
tWCS
tWCH
¡ó
VALID
DATA-IN
VALID
DATA-IN
¡ó
¡ó
tDH
tDS
tDH
tDS
tDH
tCWL
tCWL
tCWL
tRWL
NOTE : DOUT = OPEN
tHPC
tHPC


Similar Part No. - KMM5322104CKU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5322200C2W SAMSUNG-KMM5322200C2W Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5322200C2WG SAMSUNG-KMM5322200C2WG Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5322204C2W SAMSUNG-KMM5322204C2W Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
KMM5322204C2WG SAMSUNG-KMM5322204C2WG Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
More results

Similar Description - KMM5322104CKU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5322200C2W SAMSUNG-KMM5322200C2W Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5322204C2W SAMSUNG-KMM5322204C2W Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
KMM372C213CK SAMSUNG-KMM372C213CK Datasheet
430Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 5V
KMM5324004CK SAMSUNG-KMM5324004CK Datasheet
276Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5328000CK SAMSUNG-KMM5328000CK Datasheet
271Kb / 15P
   8M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5324000CK SAMSUNG-KMM5324000CK Datasheet
265Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM372F213CS SAMSUNG-KMM372F213CS Datasheet
455Kb / 20P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
KMM53232004BK SAMSUNG-KMM53232004BK Datasheet
420Kb / 19P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM5324000BSW SAMSUNG-KMM5324000BSW Datasheet
357Kb / 18P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5324004CSW SAMSUNG-KMM5324004CSW Datasheet
435Kb / 21P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com