Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMM5321204C2W Datasheet(PDF) 10 Page - Samsung semiconductor

Part # KMM5321204C2W
Description  1Mx32 DRAM SIMM (1MX16 Base)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5321204C2W Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button KMM5321204C2W Datasheet HTML 6Page - Samsung semiconductor KMM5321204C2W Datasheet HTML 7Page - Samsung semiconductor KMM5321204C2W Datasheet HTML 8Page - Samsung semiconductor KMM5321204C2W Datasheet HTML 9Page - Samsung semiconductor KMM5321204C2W Datasheet HTML 10Page - Samsung semiconductor KMM5321204C2W Datasheet HTML 11Page - Samsung semiconductor KMM5321204C2W Datasheet HTML 12Page - Samsung semiconductor KMM5321204C2W Datasheet HTML 13Page - Samsung semiconductor KMM5321204C2W Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DRAM MODULE
KMM5321204C2W/C2WG
Rev. 0.0 (Nov. 1997)
- 10 -
tDOH
HYPER PAGE READ CYCLE
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
COLUMN
ADDRESS
ROW
ADDR
tRASP
tRP
tRCD
tASR
tCRP
Don
′t care
Undefined
VOH -
VOL -
DQ
COLUMN
ADDRESS
tCAS
tCAS
tCAS
tCAS
tCP
tCP
tCP
tHPC
tHPC
tHPC
tRHCP
tCSH
tRAD
tRAH tASC
tCAH
tCAH
tCAH
tASC
tCAH
tRCS
tAA
tRCH
tASC
COLUMN
ADDRESS
COLUMN
ADDR
VALID
DATA-OUT
tAA
tCAC
tAA
tCPA
tCPA
VALID
DATA-OUT
VALID
DATA-OUT
tCLZ
tRAC
tCAC
tRRH
tREZ
tCAC
tCPA
tCAC
¡ó
tASC
tAA
tDOH
VALID
DATA-OUT
tDOH


Similar Part No. - KMM5321204C2W

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5321200C2W SAMSUNG-KMM5321200C2W Datasheet
277Kb / 17P
   1Mx32 DRAM SIMM (1MX16 Base)
KMM5321200C2WG SAMSUNG-KMM5321200C2WG Datasheet
277Kb / 17P
   1Mx32 DRAM SIMM (1MX16 Base)
More results

Similar Description - KMM5321204C2W

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5321200C2W SAMSUNG-KMM5321200C2W Datasheet
277Kb / 17P
   1Mx32 DRAM SIMM (1MX16 Base)
KMM5322204C2W SAMSUNG-KMM5322204C2W Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
KMM5322200C2W SAMSUNG-KMM5322200C2W Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5361203C2W SAMSUNG-KMM5361203C2W Datasheet
280Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh
KMM5361205C2W SAMSUNG-KMM5361205C2W Datasheet
289Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5362205C2W SAMSUNG-KMM5362205C2W Datasheet
296Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5362203C2W SAMSUNG-KMM5362203C2W Datasheet
284Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh, 5V
logo
White Electronic Design...
EDI416S4030A WEDC-EDI416S4030A Datasheet
1Mb / 27P
   1Mx16 Bits x 4 Banks Synchronous DRAM
logo
Hanbit Electronics Co.,...
HMD1M32M2EG HANBIT-HMD1M32M2EG Datasheet
66Kb / 7P
   4Mbyte(1Mx32) EDO Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2GL HANBIT-HMD1M32M2GL Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com