Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC74WL04AASR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC74WL04AASR
Description  CMOS Logic Triple Inverter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WL04AASR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC74WL04AASR Datasheet HTML 1Page - Torex Semiconductor XC74WL04AASR Datasheet HTML 2Page - Torex Semiconductor XC74WL04AASR Datasheet HTML 3Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMOS Logic
898
13
XC74WL04AASR is Triple Inverter manufactured using silicon gate
CMOS processes. The small quiescent current, which is one of the
features of the CMOS logic, gives way to high speed operations which
enables LS-TTL.
With wave forming buffers connected internally, stabilized output can be
achieved as the series offers high noise immunity.
As the series is integrated into a mini molded, MSOP-8B package, high
density mounting is possible.
■Description
High Speed Operations
: tpd = 2.05ns TYP (VCC=5V)
Operating Voltage Range : 2V ~ 5.5V
Low Power Consumption:1
µA (max)
Small Package
: MSOP-8B
GPalmtops
GDigital Equipment
■Features
■Applications
NCMOS Logic Triple Inverter
NOperating Voltage Range : 2V ~ 5.5V
NHigh Speed Operations : tpd = 2.05ns TYP
NLow Power Consumption : 1µA (max)
NMSOP-8B Package
■Pin Configuration
■Functions
■Absolute Maximum Ratings
VCC
3A
1A
3Y
2A
GND
1Y
2Y
1
2
3
4
5
6
7
8
MSOP-8B
(TOP VIEW)
L = Low Level
H = High Level
INPUT OUTPUT
A
H
L
Y
L
H
PARAMETER
Power Supply Voltage
SYMBOL
RATINGS
UNITS
−20
Input Voltage
Output Voltage
Input Diode Current
Output Diode Current
VCC, GND Current
VCC
VIN
VOUT
IIK
IOK
ICC, IGND
−0.5∼+6.0
−0.5∼+6.0
−0.5∼VCC+0.5
±20
±50
mA
mA
mA
Ta=−40℃∼85℃
Switch Output Current
IOUT
±25
mA
Storage Temperature
Tstg
−65∼+150
Power Dissipation (Ta=25℃)
Pd
300
mW
Note; Voltage is all Ground standardized.
13S_04XC74WL(04AASR) 02.09.12 15:54 ページ 898


Similar Part No. - XC74WL04AASR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74WL04AASR TOREX-XC74WL04AASR Datasheet
149Kb / 4P
   CMOS Logic
XC74WL04AASR-12 TOREX-XC74WL04AASR-12 Datasheet
154Kb / 4P
   CMOS Logic
XC74WL04AASR_001 TOREX-XC74WL04AASR_001 Datasheet
149Kb / 4P
   CMOS Logic
XC74WL04AASR TOREX-XC74WL04AASR_12 Datasheet
154Kb / 4P
   CMOS Logic
XC74WL04AASR TOREX-XC74WL04AASR_15 Datasheet
154Kb / 4P
   CMOS Logic
More results

Similar Description - XC74WL04AASR

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7S04B ELM-TECH-ELM7S04B Datasheet
276Kb / 3P
   CMOS LOGIC IC Inverter
logo
Renesas Technology Corp
HD74LV1GT04A RENESAS-HD74LV1GT04A_15 Datasheet
138Kb / 9P
   Inverter / CMOS Logic Level Shifter
HD74LV1GT04A RENESAS-HD74LV1GT04A Datasheet
102Kb / 7P
   Inverter / CMOS Logic Level Shifter
logo
ELM Technology Corporat...
ELM7SU04B ELM-TECH-ELM7SU04B Datasheet
276Kb / 3P
   CMOS LOGIC IC Unbuffer Inverter
ELM7S04B ELM-TECH-ELM7S04B_17 Datasheet
602Kb / 3P
   CMOS LOGIC IC ELM7S04B Inverter
ELM7S14B ELM-TECH-ELM7S14B Datasheet
277Kb / 3P
   CMOS LOGIC IC Schmitt Inverter
logo
Texas Instruments
CD74HCU04 TI-CD74HCU04_08 Datasheet
397Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04-Q1 TI1-CD74HCU04-Q1 Datasheet
501Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC HEX INVERTER
CD74HCU04 TI1-CD74HCU04_15 Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
logo
ELM Technology Corporat...
ELM7SU04B ELM-TECH-ELM7SU04B_17 Datasheet
602Kb / 3P
   CMOS LOGIC IC ELM7SU04B Unbuffer Inverter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com