Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5115-12BZS Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5115-12BZS
Description  HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5115-12BZS Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5115-12BZS Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5115-12BZS Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5115-12BZS Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5115-12BZS Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5115-12BZS Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Output Current Limit
Output Noise
Shutdown Output Current
Flag Output Leakage
Flag Output On Voltage
Flag Threshold
Reference Voltage
Reference Voltage Temp Drift
Adjust Pin Bias Current
Thermal Resistance
Thermal Shutdown
Max.
±1.0
±2.0
200
600
±1.0
±2.0
±0.5
±1.0
3.5
20
-
-
-
0.8
75
2
20
2
0.4
-
1.26
-
120
2.6
-
Output Voltage Tolerance
Dropout Voltage
Load Regulation
Line Regulation
Ground Current
Enable Input Voltage
Enable Input Current
Storage Temperature Range
Lead Temperature
(10 Seconds Soldering)
Operating Temperature
MSK 5115 Series
MSK 5115B Series
%
%
mV
mV
%
%
%
%
A
mA
mA
µV
V
V
µA
µA
µA
µA
V
mV
V
ppm
/°C
nA
°C/W
°C
∆VOUT=-1%; IOUT=100m A
∆VOUT=-1%; IOUT=1.5A
VIN=VOUT+5V
10mA ≤ IOUT ≤ 1.5A
(VOUT +1V) ≤ VIN ≤ 26V
IOUT=10mA
VOUT=0V; VIN=VOUT+1V
VIN=VOUT+1V; IOUT=0.75A
VIN=VOUT+1V; IOUT=1.5A
CL=10µF; 10Hz ≤ f ≤ 100KHz
VENABLE ≤ 0.8V
VOH=26V
IOL ≤ 250µA; VIN=VOUT-2V
VIN=VOUT-7%
Normal Operation
Normal Operation
Full Temp; VIN=VOUT+1V
Junction to Case
TJ
Input Voltage (100mS 1%D.C.)
Input Voltage
Enable Voltage
Output Current
Adjustable
+3.3V
+5.0V
+12.0V
VINP
VIN
VEN
IOUT
Parameter
TST
TLD
TJ
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
1
Test Conditions
1
2
3
4
5
6
7
8
9
NOTES:
Output decoupled to ground using 20µF minimum capacitor unless otherwise specified.
This parameter is guaranteed by design but need not be tested.
Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3.
Subgroup 1
Subgroup 2
Subgroup 3
Please consult the factory if alternate output voltages are required.
Applies to MSK5115-00 adjustable version only.
Applies to fixed output devices only.
PART
NUMBER
OUTPUT
VOLTAGE
TC=+25°C
TJ=+125°C
TA=-55°C
MSK5115-00
MSK5115-3.3
MSK5115-5.0
MSK5115-12
HIGH/ON
LOW/OFF
HIGH/ON
LOW/OFF
MSK 5115B SERIES
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
-
-
-
1.22
-
-
-
-
Typ.
±0.5
±1.0
80
350
±0.2
±0.3
±0.05
±0.5
2.1
8
22
400
1.2
1.2
20
1
10
0.01
0.2
75
1.24
20
40
2.4
130
Typ.
±0.5
-
80
350
±0.2
±0.3
±0.05
±0.5
2.1
8
22
400
1.2
1.2
20
1
10
0.01
0.2
75
1.24
20
40
2.4
130
MSK 5115 SERIES
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
-
-
-
1.22
-
-
-
-
Max.
±1.0
-
225
625
±1.2
-
±0.6
-
3.5
20
-
-
-
0.8
75
2
20
2
0.4
-
1.26
-
150
2.7
-
Units
2
2
2
8
2 8
8
2 9
9
2 9
2
3
Group A
Subgroup
1
2,3
1
1
1
2,3
1
2,3
-
-
-
-
1
1
1
1
-
-
1
-
1
-
-
-
-
2
IOUT=1A; VIN=VOUT+1V
2
-20V to +60V
26V
-0.3V to 26V
3.5A
2
2
2
2
2
Rev. B 7/00


Similar Part No. - MSK5115-12BZS

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5115-00BZD ANAREN-MSK5115-00BZD Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5115-00BZS ANAREN-MSK5115-00BZS Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5115-00BZU ANAREN-MSK5115-00BZU Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115-00 MSK-MSK5115-00_15 Datasheet
389Kb / 5P
   Electrically Isolated Top Tab or Z Tab SIP
More results

Similar Description - MSK5115-12BZS

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5102 ANAREN-MSK5102 Datasheet
375Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116 ANAREN-MSK5116 Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 ANAREN-MSK5130 Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5101-3.3H MSK-MSK5101-3.3H Datasheet
289Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com