Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL5757IBZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL5757IBZ
Description  10-bit, 3.3V, 260MSPS, High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5757IBZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL5757IBZ Datasheet HTML 4Page - Intersil Corporation ISL5757IBZ Datasheet HTML 5Page - Intersil Corporation ISL5757IBZ Datasheet HTML 6Page - Intersil Corporation ISL5757IBZ Datasheet HTML 7Page - Intersil Corporation ISL5757IBZ Datasheet HTML 8Page - Intersil Corporation ISL5757IBZ Datasheet HTML 9Page - Intersil Corporation ISL5757IBZ Datasheet HTML 10Page - Intersil Corporation ISL5757IBZ Datasheet HTML 11Page - Intersil Corporation ISL5757IBZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN6078.1
November 12, 2004
FIGURE 7. UMTS AT 19.2MHz, 76.8MSPS (65dB 1st ACPR,
64dB 2nd ACPR)
FIGURE 8. ONE TONE AT 10.1MHz, 80MSPS CLOCK
(71dBc - NYQUIST, 6dB PAD)
FIGURE 9. ONE TONE AT 40.4MHz, 210MSPS CLOCK
(61dBc - NYQUIST, 6dB PAD)
FIGURE 10. EIGHT TONES (CREST FACTOR = 8.9) AT 37MHz,
210MSPS CLOCK, 2.1MHz SPACING
(64dBc - NYQUIST)
FIGURE 11. TWO TONES (CF = 6) AT 8.5MHz, 50MSPS
CLOCK, 500kHz SPACING (80dBc - 10MHz
WINDOW, 6dB PAD)
FIGURE 12. FOUR TONES (CF = 8.1) AT 14MHz, 80MSPS
CLOCK, 800kHz SPACING (70dBc - NYQUIST,
6dB PAD)
Typical Performance (+3.3V Supply, Using Figure 13 with RDIFF = 100Ω and RLOAD = 50Ω) (Continued)
SPECTRAL MASK
UMTS TDD
P>43dBm BTS
ISL5757


Similar Part No. - ISL5757IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5757IBZ RENESAS-ISL5757IBZ Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results

Similar Description - ISL5757IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5757 RENESAS-ISL5757 Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5727 INTERSIL-ISL5727 Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
ISL5957 INTERSIL-ISL5957 Datasheet
630Kb / 13P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957IBZ INTERSIL-ISL5957IBZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
   Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com