Electronic Components Datasheet Search |
|
ISL5827 Datasheet(PDF) 5 Page - Intersil Corporation |
|
ISL5827 Datasheet(HTML) 5 Page - Intersil Corporation |
5 / 13 page 5 Absolute Maximum Ratings Thermal Information Digital Supply Voltage DVDD to DGND . . . . . . . . . . . . . . . . . . +3.6V Analog Supply Voltage AVDD to AGND . . . . . . . . . . . . . . . . . . +3.6V Grounds, AGND TO DGND . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V Digital Input Voltages (DATA, CLK, SLEEP) . . . . . . . . DVDD + 0.3V Reference Input Voltage Range. . . . . . . . . . . . . . . . . . AVDD + 0.3V Analog Output Current (IOUT) . . . . . . . . . . . . . . . . . . . . . . . . . 24mA Operating Conditions Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C Thermal Resistance (Typical, Note 1) θJA(°C/W) LQFP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70 Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. θJA is measured with the component mounted on an evaluation PC board in free air. Electrical Specifications AVDD = DVDD = +3.3V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25°C for All Typical Values PARAMETER TEST CONDITIONS TA = -40°C TO 85°C UNITS MIN TYP MAX SYSTEM PERFORMANCE Resolution 12 - - Bits Integral Linearity Error, INL “Best Fit” Straight Line (Note 8) -1.25 ±0.5 +1.25 LSB Differential Linearity Error, DNL (Note 8) -1 ±0.5 +1 LSB Offset Error, IOS IOUTA (Note 8) -0.006 +0.006 % FSR Offset Drift Coefficient (Note 8) - 0.1 - ppm FSR/°C Full Scale Gain Error, FSE With External Reference (Notes 2, 8) -3 ±0.5 +3 % FSR With Internal Reference (Notes 2, 8) -3 ±0.5 +3 % FSR Full Scale Gain Drift With External Reference (Note 8) - ±50 - ppm FSR/°C With Internal Reference (Note 8) - ±100 - ppm FSR/°C Crosstalk fCLK = 100MSPS, fOUT = 10MHz - 83 - dB fCLK = 100MSPS, fOUT = 40MHz - 74 - dB fCLK = 260MSPS, fOUT = 40.4MHz - 73 - dB Gain Matching Between Channels (DC Measurement) As a percentage of Full Scale Range -1.6 0.6 +1.6 % FSR In dB Full Scale Range -0.14 0.05 +0.14 dB FSR Full Scale Output Current, IFS 220 22 mA Output Voltage Compliance Range (Note 3) -1.0 - 1.25 V DYNAMIC CHARACTERISTICS Maximum Clock Rate, fCLK 260 300 - MHz Output Rise Time Full Scale Step - 1 - ns Output Fall Time Full Scale Step - 1 - ns Output Capacitance -5 - pF Output Noise IOUTFS = 20mA - 50 - pA/ √Hz IOUTFS = 2mA - 30 - pA/ √Hz ISL5827 |
Similar Part No. - ISL5827 |
|
Similar Description - ISL5827 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |