Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON5802 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AON5802
Description  Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON5802 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AON5802 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON5802 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON5802 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON5802 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AON5802
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
1
2
3
4
5
6
7
8
9
10
0
4
8
1216
2024
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
1000
1200
1400
1600
0
5
10
15
20
25
30
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
40
80
120
160
200
0.0001 0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note E)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note E)
Coss
Crss
0.1
1.0
10.0
100.0
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
100µs
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C, TA=25°C
10ms
100ms
1s
10s
VDS=15V
ID=8A
Single Pulse
D=Ton/T
TJ,PK=TC+PDM.ZθJC.RθJA
RθJA=75°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=150°C
TA=25°C
10µs
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AON5802

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON5802A AOSMD-AON5802A Datasheet
126Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON5802B AOSMD-AON5802B Datasheet
435Kb / 5P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON5802 AOSMD-AON5802_07 Datasheet
126Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AON5802

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO8830 AOSMD-AO8830 Datasheet
121Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AO8814 AOSMD-AO8814 Datasheet
119Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha Industries
AO8800 ALPHA-AO8800 Datasheet
226Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8816 AOSMD-AO8816 Datasheet
111Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
AON3812 AOSMD-AON3812 Datasheet
123Kb / 4P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KO8822 KEXIN-KO8822 Datasheet
138Kb / 2P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
SI8822 KEXIN-SI8822 Datasheet
158Kb / 2P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO8804 AOSMD-AO8804 Datasheet
379Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
AO8802 ETC-AO8802 Datasheet
353Kb / 6P
   Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com