Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100ELT28 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100ELT28
Description  TTL to Differential PECL/Differential PECL to TTL Translator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT28 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100ELT28 Datasheet HTML 1Page - ON Semiconductor MC100ELT28 Datasheet HTML 2Page - ON Semiconductor MC100ELT28 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–1
REV 2
© Motorola, Inc. 1996
1/95
Advance Information
TTL to Differential PECL/Differ-
ential PECL to TTL Translator
The MC10ELT/100ELT28 is a differential PECL to TTL translator and a
TTL to differential PECL translator in a single package. Because PECL
(Positive ECL) levels are used only +5V and ground are required. The
small outline 8-lead SOIC package and the dual translation design of the
ELT28 makes it ideal for applications which are sending and receiving
signals across a backplane. Because the mature MOSAIC 1.5 process is
used, low cost can be added to the list of features.
The ELT28 is available in both ECL standards: the 10ELT is compatible
with positive MECL 10H logic levels while the 100ELT is compatible with
positive ECL 100K logic levels.
3.5ns Typical PECL to TTL Propagation Delay
1.2ns Typical TTL to PECL Propagation Delay
Differential PECL Inputs/Ouputs
Small Outline SOIC Package
PNP TTL Inputs for Minimal Loading
24mA TTL Outputs
Flow Through Pinouts
1
2
3
4
5
6
7
8
QTTL
GND
VCC
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
DECL
DTTL
QECL
QECL
DECL
PECL
TTL
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
7.0
V
TA
Operating Temperature Range (In Free-Air)
–40 to 85
°C
TSTG
Storage Temperature Range
–55 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the
Recommended Operating Conditions.
This document contains information on a new product. Specifications and information herein are subject to
change without notice.
MC10ELT28
MC100ELT28
PIN
FUNCTION
QTTL
TTL Output
DTTL
TTL Inputs
QECL
Diff ECL Outputs
DECL
Diff ECL Inputs
VCC
+5.0V Supply
GND
Ground
PIN DESCRIPTION
1
8
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751-05


Similar Part No. - MC100ELT28

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100ELT28 ONSEMI-MC100ELT28 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC100ELT28D ONSEMI-MC100ELT28D Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC100ELT28D ONSEMI-MC100ELT28D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100ELT28DG ONSEMI-MC100ELT28DG Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC100ELT28DG ONSEMI-MC100ELT28DG Datasheet
88Kb / 8P
   TTL to Differential PECL and Differential PECL
August, 2015 ??Rev. 11
More results

Similar Description - MC100ELT28

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com