Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDJ1032C Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDJ1032C
Description  Complementary PowerTrench MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDJ1032C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDJ1032C Datasheet HTML 1Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 2Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 3Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 4Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 5Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 6Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 7Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 8Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FDJ1032C Rev. B1(W)
Typical Characteristics : Q1
0
2
4
6
8
10
012
345
-V
DS, DRAIN TO SOURCE VOLTAGE (V)
V
GS=-4.5V
-3.0V
-3.5V
-1.8V
-2.5V
-2.0V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
02
46
8
10
-I
D, DRAIN CURRENT (A)
V
GS=-1.8V
-3.0V
-3.5V
-4.5V
-4.0V
-2.5V
-2.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (°C)
I
D = -2.8A
V
GS = -4.5V
0.08
0.14
0.2
0.26
0.32
0.38
0.44
0.5
1.5
2
2.5
3
3.5
4
4.5
5
-VGS, GATE TO SOURCE VOLTAGE (V)
I
D = -1.4A
T
A = 125°C
T
A = 25°C
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
1
2
3
4
5
0.5
1
1.5
2
2.5
-V
GS, GATE TO SOURCE VOLTAGE (V)
T
A = -55°C
25
°C
125
°C
V
DS = -5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
-V
SD, BODY DIODE FORWARD VOLTAGE (V)
V
GS=0V
T
A = 125°C
25
°C
-55
°C
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDJ1032C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDJ1032C FAIRCHILD-FDJ1032C Datasheet
7Mb / 9P
   Complementary PowerTrench MOSFET
FDJ1032C FAIRCHILD-FDJ1032C_08 Datasheet
7Mb / 9P
   Complementary PowerTrench MOSFET
More results

Similar Description - FDJ1032C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW2521C FAIRCHILD-FDW2521C Datasheet
149Kb / 8P
   Complementary PowerTrench MOSFET
FDC6020C FAIRCHILD-FDC6020C Datasheet
211Kb / 9P
   Complementary PowerTrench MOSFET
logo
ON Semiconductor
FDME1034CZT ONSEMI-FDME1034CZT Datasheet
316Kb / 12P
   MOSFET - Complementary, POWERTRENCH
October, 2019 ??Rev. 1
logo
Fairchild Semiconductor
FDW2520C FAIRCHILD-FDW2520C Datasheet
124Kb / 8P
   Complementary PowerTrench MOSFET
FDW2520C FAIRCHILD-FDW2520C_08 Datasheet
398Kb / 8P
   Complementary PowerTrench MOSFET
FDW2521C FAIRCHILD-FDW2521C_08 Datasheet
268Kb / 8P
   Complementary PowerTrench MOSFET
FDJ1032C FAIRCHILD-FDJ1032C_08 Datasheet
7Mb / 9P
   Complementary PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDW2521C KEXIN-KDW2521C Datasheet
70Kb / 3P
   Complementary PowerTrench MOSFET
KDS4559 KEXIN-KDS4559 Datasheet
78Kb / 3P
   60V Complementary PowerTrench MOSFET
KI4542DY KEXIN-KI4542DY Datasheet
77Kb / 3P
   30V Complementary PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com