Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV02TEX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI90LV02TEX
Description  SOTinyTM LVDS High-Speed Differential Line Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV02TEX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI90LV02TEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV02TEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV02TEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV02TEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV02TEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV02TEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV02TEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV02TEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV02TEX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV02/PI90LVT02
SOTinyTM LVDS High-Speed Differential Line Receiver
4
PS8659B
09/28/04
Notes:
1. All typical values are at 25°C and with a 3.3V supply
2. tsk(p) is the magnitude of the time difference between the high-to-low and low-to-high propagation delay times at an output.
Receiver Switching Characteristics, VCC = 3V to 3.6V (Over Recommended Operating Conditions, unless noted).
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T
)
1
(
.
x
a
Ms
t
i
n
U
t H
L
P
t
u
p
t
u
o
l
e
v
e
l
h
g
i
h
-
o
t
-
w
o
l
,
e
m
it
y
a
l
e
d
n
o
it
a
g
a
p
o
r
P
CL
,
F
p
0
1
=
3
e
r
u
g
i
F
e
e
S
3
.
11
.
22
.
3
s
n
t L
H
P
t
u
p
t
u
o
l
e
v
e
l
w
o
l
-
o
t
-
h
g
i
h
,
e
m
it
y
a
l
e
d
n
o
it
a
g
a
p
o
r
P
3
.
10
.
22
.
3
tr
e
m
it
e
s
i
r
l
a
n
g
i
s
t
u
p
t
u
O
7
.
04
.
1
tf
e
m
it
ll
a
f
l
a
n
g
i
s
t
u
p
t
u
O
7
.
04
.
1
t
)
p
(
k
s
(
w
e
k
s
e
s
l
u
P
t L
H
P
t
-
H
L
P
) )
2
(
1
.
05
.
0
t H
Z
P
e
c
n
a
d
e
p
m
i
-
h
g
i
h
-
o
t
-l
e
v
e
l
-
h
g
i
h
,
e
m
it
y
a
l
e
d
n
o
it
a
g
a
p
o
r
P
t
u
p
t
u
o
4
e
r
u
g
i
F
e
e
S
5
.
11
.
3
t L
Z
P
t
u
p
t
u
o
e
c
n
a
d
e
p
m
i
-
w
o
l
-
o
t
-l
e
v
e
l
-
w
o
l
,
e
m
it
y
a
l
e
d
n
o
it
a
g
a
p
o
r
P
0
.
40
.
6
t Z
H
P
t
u
p
t
u
o
l
e
v
e
l
-
h
g
i
h
-
o
t
-
e
c
n
a
d
e
p
m
i
-
h
g
i
h
,
e
m
it
y
a
l
e
d
n
o
it
a
g
a
p
o
r
P
5
.
25
.
3
t Z
L
P
t
u
p
t
u
o
l
e
v
e
l
-
h
g
i
h
-
o
t
-
e
c
n
a
d
e
p
m
i
-
w
o
l
,
e
m
it
y
a
l
e
d
n
o
it
a
g
a
p
o
r
P
0
.
66
.
7
ParameterMeasurementInformation
Figure 2. Receiver Voltage Definitions
2
A
B
VID
ROUT
VO
VIA + VIB
VIC
VIB
VIA


Similar Part No. - PI90LV02TEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV02TEX PERICOM-PI90LV02TEX Datasheet
364Kb / 9P
   SOTiny LVDS High-Speed Differential Line Receiver
More results

Similar Description - PI90LV02TEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV02 PERICOM-PI90LV02_09 Datasheet
364Kb / 9P
   SOTiny LVDS High-Speed Differential Line Receiver
PI90LV179 PERICOM-PI90LV179_15 Datasheet
995Kb / 11P
   3.3V LVDS High-Speed Differential Line Driver and Receiver
logo
NXP Semiconductors
PTN3332 PHILIPS-PTN3332 Datasheet
92Kb / 16P
   High speed differential line receiver
Rev. 01-07 January 2004
logo
Texas Instruments
SN65LVDS2 TI-SN65LVDS2 Datasheet
131Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDT2 TI-SN65LVDT2 Datasheet
133Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
NXP Semiconductors
PTN3342 PHILIPS-PTN3342 Datasheet
91Kb / 16P
   High speed differential line receiver
Rev. 01-05 January 2004
logo
Texas Instruments
SN55LVDS32-SP TI1-SN55LVDS32-SP Datasheet
383Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
DSLVDS1048 TI1-DSLVDS1048 Datasheet
1Mb / 25P
[Old version datasheet]   3.3-V LVDS Quad Channel High-Speed Differential Line Receiver
DS90LT012AQ TI1-DS90LT012AQ_15 Datasheet
776Kb / 14P
[Old version datasheet]   Automotive LVDS Differential Line Receiver
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com