Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4411BETP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4411BETP
Description  80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4411BETP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4411BETP Datasheet HTML 1Page - Maxim Integrated Products MAX4411BETP Datasheet HTML 2Page - Maxim Integrated Products MAX4411BETP Datasheet HTML 3Page - Maxim Integrated Products MAX4411BETP Datasheet HTML 4Page - Maxim Integrated Products MAX4411BETP Datasheet HTML 5Page - Maxim Integrated Products MAX4411BETP Datasheet HTML 6Page - Maxim Integrated Products MAX4411BETP Datasheet HTML 7Page - Maxim Integrated Products MAX4411BETP Datasheet HTML 8Page - Maxim Integrated Products MAX4411BETP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
80mW, Fixed-Gain, DirectDrive, Stereo
Headphone Amplifier with Shutdown
_______________________________________________________________________________________
5
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (mW)
40
30
20
10
0.01
0.1
1
10
100
0.001
050
OUTPUTS IN
PHASE
OUTPUTS 180
°
OUT OF PHASE
ONE CHANNEL
DRIVEN
VDD = 1.8V
RL = 32
fIN = 10kHz
CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-120
-100
-80
-60
-40
-20
0
-140
10
100k
VDD = 3V
POUT = 1.6mW
RL = 16
LEFT TO RIGHT
RIGHT TO LEFT
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (mW)
50
40
30
20
10
0.01
0.1
1
10
100
0.001
060
OUTPUTS IN
PHASE
OUTPUTS 180
°
OUT OF PHASE
ONE CHANNEL
DRIVEN
VDD = 1.8V
RL = 16
fIN = 10kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (mW)
40
30
20
10
0.01
0.1
1
10
100
0.001
050
OUTPUTS IN
PHASE
OUTPUTS 180
°
OUT OF PHASE
ONE CHANNEL
DRIVEN
VDD = 1.8V
RL = 32
fIN = 20Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (mW)
40
30
20
10
0.01
0.1
1
10
100
0.001
050
OUTPUTS IN
PHASE
OUTPUTS 180
°
OUT OF PHASE
ONE CHANNEL
DRIVEN
VDD = 1.8V
RL = 32
fIN = 1kHz
Typical Operating Characteristics (continued)
(C1 = C2 = 2.2µF, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
0
-100
10
100
1k
10k
100k
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
-30
-50
-70
-90
-10
VDD = 3V
RL = 16
0
-100
10
100
1k
10k
100k
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
-30
-50
-70
-90
-10
VDD = 1.8V
RL = 16
0
-100
10
100
1k
10k
100k
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
-30
-50
-70
-90
-10
VDD = 3V
RL = 32
10
100
1k
10k
100k
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
VDD = 1.8V
RL = 32
0
-100
-80
-60
-40
-20
-30
-50
-70
-90
-10


Similar Part No. - MAX4411BETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4411 MAXIM-MAX4411 Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX4411EBE+T MAXIM-MAX4411EBE+T Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX4411EBE-T MAXIM-MAX4411EBE-T Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX4411ETP MAXIM-MAX4411ETP Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
More results

Similar Description - MAX4411BETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX4409 MAXIM-MAX4409 Datasheet
430Kb / 19P
   80mW, DirectDrive Stereo Headphone Amplifier with Common-Mode Sense
Rev 1; 6/04
MAX4409 MAXIM-MAX4409_V01 Datasheet
436Kb / 20P
   80mW, DirectDrive, Stereo Headphone Amplifier with Common-Mode Sense
19-2842; Rev 3; 6/09
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com