Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP62S16256FV-70LLI Datasheet(PDF) 11 Page - AMIC Technology

Part # LP62S16256FV-70LLI
Description  256K X 16 BIT LOW VOLTAGE CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S16256FV-70LLI Datasheet(HTML) 11 Page - AMIC Technology

Back Button LP62S16256FV-70LLI Datasheet HTML 6Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 7Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 8Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 9Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 10Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 11Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 12Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 13Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 14Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LP62S16256F-I Series
PRELIMINARY
(August, 2004, Version 0.4)
10
AMIC Technology, Corp.
AC Test Conditions
Input Pulse Levels
0.4V to 2.4V
Input Rise And Fall Time
5 ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Figures 1 and 2
30pF
* Including scope and jig.
* Including scope and jig.
CL
TTL
5pF
CL
TTL
Figure 1. Output Load
Figure 2. Output Load for tCLZ, tOLZ,
tCHZ, tOHZ, tWHZ, and tOW
Data Retention Characteristics (TA = -40°C to 85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VDR
VCC for Data Retention
2.0
-
3.6
V
CE
≥ VCC - 0.2V
ICCDR
Data Retention Current
-
0.08
3*
µA
VCC = 2.0V,
CE
≥ VCC - 0.2V
VIN
≥ 0V
tCDR
Chip Disable to Data Retention Time
0
-
-
ns
tR
Operation Recovery Time
tRC
-
-
ns
See Retention Waveform
tVR
VCC Rising Time from Data Retention
Voltage to Operating Voltage
5
-
-
ms
* LP62S16256F-55LLI / 70LLI
ICCDR: max.
1
µA at TA = 0°C to + 40°C


Similar Part No. - LP62S16256FV-70LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16256FV-70LLT AMICC-LP62S16256FV-70LLT Datasheet
159Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S16256FV-70LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16256E-I AMICC-LP62S16256E-I Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256E-T AMICC-LP62S16256E-T Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T_15 Datasheet
193Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T Datasheet
159Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-I AMICC-LP62S16256F-I_15 Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T Datasheet
164Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-I AMICC-LP62S16256G-I Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T_15 Datasheet
213Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-T AMICC-LP62S16256G-T Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com