Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP62S16256FV-70LLI Datasheet(PDF) 10 Page - AMIC Technology

Part # LP62S16256FV-70LLI
Description  256K X 16 BIT LOW VOLTAGE CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S16256FV-70LLI Datasheet(HTML) 10 Page - AMIC Technology

Back Button LP62S16256FV-70LLI Datasheet HTML 6Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 7Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 8Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 9Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 10Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 11Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 12Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 13Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 14Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LP62S16256F-I Series
PRELIMINARY
(August, 2004, Version 0.4)
9
AMIC Technology, Corp.
Timing Waveforms (continued)
Write Cycle 3
(Byte Enable Controlled)
tWC
tAW
Address
DATA IN
DATA OUT
WE
HB, LB
CE
tWR3
tCW
tBW2
tAS1
tWP
tDW
tDH
tOW
tWHZ4
Notes: 1. tAS is measured from the address valid to the beginning of Write.
2. A Write occurs during the overlap (tWP, tBW) of a low CE , WE and ( HB and , or LB ).
3. tWR is measured from the earliest of CE or WE or ( HB and , or LB ) going high to the end of the Write cycle.
4. OE level is high or low.
5. Transition is measured
±500mV from steady state. This parameter is sampled and not 100% tested.


Similar Part No. - LP62S16256FV-70LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16256FV-70LLT AMICC-LP62S16256FV-70LLT Datasheet
159Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S16256FV-70LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16256E-I AMICC-LP62S16256E-I Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256E-T AMICC-LP62S16256E-T Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T_15 Datasheet
193Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T Datasheet
159Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-I AMICC-LP62S16256F-I_15 Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T Datasheet
164Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-I AMICC-LP62S16256G-I Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T_15 Datasheet
213Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-T AMICC-LP62S16256G-T Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com