Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4411ETP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4411ETP
Description  80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4411ETP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4411ETP Datasheet HTML 1Page - Maxim Integrated Products MAX4411ETP Datasheet HTML 2Page - Maxim Integrated Products MAX4411ETP Datasheet HTML 3Page - Maxim Integrated Products MAX4411ETP Datasheet HTML 4Page - Maxim Integrated Products MAX4411ETP Datasheet HTML 5Page - Maxim Integrated Products MAX4411ETP Datasheet HTML 6Page - Maxim Integrated Products MAX4411ETP Datasheet HTML 7Page - Maxim Integrated Products MAX4411ETP Datasheet HTML 8Page - Maxim Integrated Products MAX4411ETP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
80mW, Fixed-Gain, DirectDrive, Stereo
Headphone Amplifier with Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(PVDD = SVDD = 3V, PGND = SGND = 0V, SHDNL = SHDNR = SVDD, C1 = C2 = 2.2µF, CIN = 1µF, RL =
∞, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PGND to SGND .....................................................-0.3V to +0.3V
PVDD to SVDD .................................................................-0.3V to +0.3V
PVSS to SVSS .........................................................-0.3V to +0.3V
PVDD and SVDD to PGND or SGND .........................-0.3V to +4V
PVSS and SVSS to PGND or SGND ..........................-4V to +0.3V
IN_ to SGND ................................(SVSS - 0.3V) to (SVDD + 0.3V)
SHDN_ to SGND........................(SGND - 0.3V) to (SVDD + 0.3V)
OUT_ to SGND .............................(SVSS - 0.3V) to (SVDD +0.3V)
C1P to PGND.............................(PGND - 0.3V) to (PVDD + 0.3V)
C1N to PGND .............................(PVSS - 0.3V) to (PGND + 0.3V)
Output Short Circuit to GND or VDD...........................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Bump UCSP (derate 7.4mW/°C above +70°C)........589mW
20-Pin Thin QFN (derate 16.9mW/°C above +70°C) ..1349mW
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Bump Temperature (soldering)
Reflow ..........................................................................+230°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Guaranteed by PSRR test
1.8
3.6
V
One channel enabled
3.2
Quiescent Supply Current
IDD
Two channels enabled
5
8.4
mA
Shutdown Supply Current
ISHDN
SHDNL = SHDNR = GND
6
10
µA
VIH
0.7 x
SVDD
SHDN_ Thresholds
VIL
0.3 x
SVDD
V
SHDN_ Input Leakage Current
-1
+1
µA
SHDN_ to Full Operation
tSON
175
µs
CHARGE PUMP
Oscillator Frequency
fOSC
272
320
368
kHz
AMPLIFIERS
MAX4411
-1.55
-1.5
-1.45
Voltage Gain
AV
MAX4411B
-2.1
-2
-1.9
V/V
Gain Match
∆AV
1%
MAX4411
0.7
2.8
Total Output Offset Voltage
VOS
Input AC-coupled
MAX4411B
0.75
3.0
mV
Input Resistance
RIN
10
14
19
k
1.8V
≤ VDD ≤ 3.6V,
MAX4411
DC (Note 2)
72
86
fRIPPLE = 217Hz
86
fRIPPLE = 1kHz
75
Power-Supply Rejection Ratio
PSRR
VDD = 3.0V, 200mVP-P
ripple, MAX4411
(Note 3)
fRIPPLE = 20kHz
53
dB


Similar Part No. - MAX4411ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4411ETP MAXIM-MAX4411ETP Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
More results

Similar Description - MAX4411ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX4409 MAXIM-MAX4409 Datasheet
430Kb / 19P
   80mW, DirectDrive Stereo Headphone Amplifier with Common-Mode Sense
Rev 1; 6/04
MAX4409 MAXIM-MAX4409_V01 Datasheet
436Kb / 20P
   80mW, DirectDrive, Stereo Headphone Amplifier with Common-Mode Sense
19-2842; Rev 3; 6/09
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com