Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-358T Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTV-358T
Description  Hybrid substrates that require high density mounting, Programmable controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-358T Datasheet(HTML) 8 Page - Lite-On Technology Corporation

  LTV-358T Datasheet HTML 1Page - Lite-On Technology Corporation LTV-358T Datasheet HTML 2Page - Lite-On Technology Corporation LTV-358T Datasheet HTML 3Page - Lite-On Technology Corporation LTV-358T Datasheet HTML 4Page - Lite-On Technology Corporation LTV-358T Datasheet HTML 5Page - Lite-On Technology Corporation LTV-358T Datasheet HTML 6Page - Lite-On Technology Corporation LTV-358T Datasheet HTML 7Page - Lite-On Technology Corporation LTV-358T Datasheet HTML 8Page - Lite-On Technology Corporation LTV-358T Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
 
  
   
tr
tf
td
ts
Fig.8 Collector-emitter Saturation Voltage
Fig.9 Collector Dark Current vs.
Ambient Temperature
Fig.10 Response Time vs. Load
Fig.11 Frequency Response
0
vs. Ambient Temperature
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Frequency f (kHz)
o
o
o
o
o
20
40
60
80
100
50
100
150
0
20
40
80
100
0.2
0.05
20
40
60
80
100
0.1 0.2
0.5
1
2
5
10
0.5
1
2
5
10
20
50
100
200
500
0.5
20
10
0
2
10
100
500
Resistance
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
0.02
0.04
0.06
0.08
0.10
1
5
20
50
60
Test Circuit for Response Time
Test Circuit for Frequency Response
Input
Input
Vcc
ts
Output
Output
tr
Output
Vcc
td
tf
10%
90%
Load resistance RL (k )
IF=5mA
VCE=5V
IF=20mA
IC=1mA
VCE=2V
IC=2mA
Ta= 25 C
RD
RL
RD
RL
RL= 10k
1k
100
VCE=2V
IC=2mA
Ta= 25 C
1
10
VCE=20V
10000
1000
100
4 '()
4"  7



Similar Part No. - LTV-358T

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-358T-V LITEON-LTV-358T-V Datasheet
186Kb / 12P
   Property of Lite-On Only
More results

Similar Description - LTV-358T

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-355T LITEON-LTV-355T Datasheet
138Kb / 8P
   Hybrid substrates that require high density mounting Programmable controllers
logo
ISOCOM COMPONENTS
IS4100 ISOCOM-IS4100 Datasheet
250Kb / 10P
   Hybrid substrates that require high density mounting, Programmable controllers
IS2801-4 ISOCOM-IS2801-4 Datasheet
252Kb / 10P
   Hybrid substrates that require high density mounting, Programmable controllers
logo
Lite-On Technology Corp...
LTV-354T LITEON-LTV-354T Datasheet
316Kb / 9P
   Hybrid substrates that require high density mounting
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
TLP284-4 TOSHIBA-TLP284-4 Datasheet
320Kb / 16P
   Programmable Controllers AC/DC?묲nput Module Hybrid ICs
TLP290 TOSHIBA-TLP290 Datasheet
553Kb / 10P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
logo
MERITEK ELECTRONICS COR...
SREJ MERITEK-SREJ Datasheet
745Kb / 4P
   For high density mounting
SREL MERITEK-SREL Datasheet
768Kb / 4P
   For high density mounting
SREM MERITEK-SREM Datasheet
751Kb / 4P
   For high density mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com