Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A82DL1642TG-70F Datasheet(PDF) 9 Page - AMIC Technology

Part # A82DL1642TG-70F
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A82DL1642TG-70F Datasheet(HTML) 9 Page - AMIC Technology

Back Button A82DL1642TG-70F Datasheet HTML 5Page - AMIC Technology A82DL1642TG-70F Datasheet HTML 6Page - AMIC Technology A82DL1642TG-70F Datasheet HTML 7Page - AMIC Technology A82DL1642TG-70F Datasheet HTML 8Page - AMIC Technology A82DL1642TG-70F Datasheet HTML 9Page - AMIC Technology A82DL1642TG-70F Datasheet HTML 10Page - AMIC Technology A82DL1642TG-70F Datasheet HTML 11Page - AMIC Technology A82DL1642TG-70F Datasheet HTML 12Page - AMIC Technology A82DL1642TG-70F Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
A82DL16x2T(U) Series
PRELIMINARY
(May, 2005, Version 0.1)
8
AMIC Technology, Corp.
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register itself does
not occupy any addressable memory location. The register is
composed of latches that store the commands, along with
the address and data information needed to execute the
command. The contents of the register serve as inputs to the
internal state machine. The state machine outputs dictate the
function of the device. The appropriate device bus operations
table lists the inputs and control levels required, and the
resulting output. The following subsections describe each of
these operations in further detail.
Table 1-1. Device Bus Operations – Flash Byte Mode (
BYTE_F = VIH)
Operation
(Notes 1, 2)
CE_F
E1_S
C
CE2_S
OE
WE
A0-
A19
LB_S
(Note3)
UB_S
(Note3)
RESET
WP /ACC
(Note 4)
I/O7
I/O0
I/O15
I/O0
H
X
Read from Flash
L
X
L
L
H
AIN
X
X
H
L/H
IOUT
IOUT
H
X
Write to Flash
L
X
L
H
L
AIN
X
X
H
(Note 4)
IIN
IIN
H
X
Standby
VCC ±
0.3 V
X
L
X
X
X
X
X
VCC ±
0.3 V
H
High-Z
High-Z
L
X
Output Disable
L
L
H
H
H
X
X
L
H
L/H
High-Z
High-Z
H
X
X
L
Flash Hardware
Reset
X
H
X
X
X
X
X
X
L
L/H
High-Z
High-Z
X
L
Sector Protect
(Notes)
L
H
X
H
L
SA,
A6 = L,
A1 = H,
A0 = L
X
X
VID
L/H
IIN
X
Sector Unprotect
(Note 5)
L
X
L
H
L
SA,
A6 = H,
A1 = H,
A0 = L
X
X
VID
(Note 6)
IIN
X
H
X
IIN
High-Z
Temporary
Sector Unprotect
X
X
L
X
X
AIN
X
X
VID
(Note 6)
IOUT
IOUT
H
L
High-Z
IOUT
L
H
IOUT
High-Z
Read from
SRAM
H
L
H
L
H
AIN
L
L
H
X
IIN
IIN
H
L
High-Z
IIN
Write to SRAM
H
L
H
X
L
AIN
L
H
H
X
IIN
High-Z
Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 8.5–12.5 V, VHH = 9.0 ± 0.5 V, X = Don’t Care, SA = Sector Address,
AIN = Address In, IIN = Data In, IOUT = Data Out
Notes:
1.Other operations except for those indicated in this column are inhibited.
2.Do not apply CE_F = VIL, CE1_S = VIL and CE2_S = VIH at the same time.
3.Don’t care or open LB_S or UB_S .
4.The sector protect and sector unprotect functions may also be implemented via programming equipment. See the
“Sector/Sector Block Protection and Unprotection” section.
5. If
WP /ACC = VIL, the two outermost boot sectors remain protected. If WP /ACC = VIH, the two outermost boot sector
protection depends on whether they were last protected or unprotected using the method described in “Sector/Sector Block
Protection and Unprotection”. If
WP /ACC = VHH, all sectors will be unprotected.


Similar Part No. - A82DL1642TG-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL1644 AMICC-A82DL1644 Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
A82DL1644TG-70 AMICC-A82DL1644TG-70 Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
A82DL1644TG-70F AMICC-A82DL1644TG-70F Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
A82DL1644TG-70I AMICC-A82DL1644TG-70I Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
A82DL1644TG-70IF AMICC-A82DL1644TG-70IF Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
More results

Similar Description - A82DL1642TG-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL32X4T AMICC-A82DL32X4T Datasheet
931Kb / 60P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL32x4T(U) 32 Megabit (4Mx8 Bit/2Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL16X4T AMICC-A82DL16X4T Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
logo
SPANSION
S71PL129JC0 SPANSION-S71PL129JC0_06 Datasheet
3Mb / 153P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
logo
Advanced Micro Devices
AM29DS163D AMD-AM29DS163D Datasheet
1Mb / 50P
   16 Megabit CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM49DL32XBG SPANSION-AM49DL32XBG Datasheet
1Mb / 64P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
AM49DL320BG SPANSION-AM49DL320BG Datasheet
1Mb / 64P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
logo
Eon Silicon Solution In...
EN71PL032A0 EON-EN71PL032A0_1 Datasheet
424Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
EN71NS032A0 EON-EN71NS032A0 Datasheet
286Kb / 10P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous Operation, Multiplexed Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
logo
SPANSION
MB84VD2118XEM-70 SPANSION-MB84VD2118XEM-70 Datasheet
872Kb / 52P
   Stacked MCP (Multi-Chip Package) FLASH MEMORY & SRAM CMOS
logo
Eon Silicon Solution In...
EN71NS128B0 EON-EN71NS128B0_11 Datasheet
259Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com