Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6523E Datasheet(PDF) 5 Page - Texas Instruments

Part # PT6523E
Description  8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6523E Datasheet(HTML) 5 Page - Texas Instruments

  PT6523E Datasheet HTML 1Page - Texas Instruments PT6523E Datasheet HTML 2Page - Texas Instruments PT6523E Datasheet HTML 3Page - Texas Instruments PT6523E Datasheet HTML 4Page - Texas Instruments PT6523E Datasheet HTML 5Page - Texas Instruments PT6523E Datasheet HTML 6Page - Texas Instruments PT6523E Datasheet HTML 7Page - Texas Instruments PT6523E Datasheet HTML 8Page - Texas Instruments PT6523E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT6520 Series
Adjusting the Output Voltage of the PT6520
Series of Integrated Switching Regulators
The output voltage of the PT6520 series of integrated
switching regulators (ISRs) may be adjusted higher or
lower than the factory trimmed pre-set voltage with the
addition of a single external resistor. 1 Table 1 gives the
allowable adjustment range for each model in the series as
Va (min) and Va (max).
Adjust Up:
An increase in the output voltage is obtained
by adding a resistor R2, between pin 14 (Vo adjust) and
pins 7-10 (GND).
Adjust Down:
Add a resistor (R1), between pin 14 (Vo ad-
just) and pin 1 Vo(sense) 3.
Refer to Figure 1 and Table 2 for both the placement and value
of the required resistor, either (R1) or R2 as appropriate.
The values of (R1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulas.
Ro ( Va –Vr )
(R1)
=
Vo – Va
– Rs
k
Ro ·Vr
– Rs
k
R2
=
Va – Vo
Where: Vo = Original output voltage
Va = Adjusted output voltage
Vr = The reference voltage (Table 1)
Ro = The multiplier resistance (Table 1)
Rs = The internal series resistance (Table 1)
Figure 1
C
in
+
C
out
+
(R1)
Adj Down
R2
Adj
Up
Vo
COM
Vin
COM
PT6520
11,12,13
14
7,8,9,10
4,5,6
Vin
Vout
GND
Vo(adj)
STBY
3
Vo(sense)
1
L
O
A
D
Table 1
ADJUSTMENT AND FORMULA PARAMETERS
Series Pt #
PT6527
PT6522
PT6526
PT6525
PT6523
PT6521
Vo (nom)
1.2
1.5
1.8
2.1
2.5
3.3
Va (min)
1.09
1.47
1.75
1.95
2.25
2.75
Va (max)
1.52
1.73
2.05
2.45
2.85
3.75
Vr (V)
0.8
1.27
1.27
1.27
1.27
1.27
Ro (k
Ω)
10.0
10.2
10.0
10.0
10.0
10.0
Rs (k
Ω)
24.9
49.9
49.9
33.2
33.2
24.9
Notes:
1. Use only a single 1% resistor in either the (R1) or R2
location. Place the resistor as close to the ISR as
possible.
2. Never connect capacitors from Vo adjust to either
GND, Vout, or the Remote Sense pin. Capacitance
added to the Vo adjust pin will affect the stability of
the ISR.
3. If the Remote Sense feature is not being used, the
resistor (R1) may be connected between pin 14 (Vo
adjust) and pins 11–13 (Vout).
4. Adjusting the output voltage of the PT6523 (2.5V
model) higher than the factory pre-trimmed output
voltage may increase the minimum input voltage
specified for the part. This model must comply with
the following requirements.
PT6523:
Vin(min) = (Va + 0.5)V or 3.1V, whichever is greater.


Similar Part No. - PT6523E

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6523 PTC-PT6523 Datasheet
39Kb / 4P
   1/3 Duty General Purpose LCD Driver IC
logo
Texas Instruments
PT6523 TI-PT6523 Datasheet
193Kb / 8P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
logo
Princeton Technology Co...
PT6523 PTC-PT6523 Datasheet
743Kb / 23P
   1/3 Duty General Purpose LCD Driver IC
PT6523-HQ PTC-PT6523-HQ Datasheet
743Kb / 23P
   1/3 Duty General Purpose LCD Driver IC
PT6523-LQ PTC-PT6523-LQ Datasheet
743Kb / 23P
   1/3 Duty General Purpose LCD Driver IC
More results

Similar Description - PT6523E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6510 TI-PT6510 Datasheet
432Kb / 19P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT652X TI-PT652X Datasheet
193Kb / 8P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6500 TI-PT6500 Datasheet
291Kb / 7P
[Old version datasheet]   8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com