Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A82DL1622TG-70IF Datasheet(PDF) 2 Page - AMIC Technology

Part # A82DL1622TG-70IF
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A82DL1622TG-70IF Datasheet(HTML) 2 Page - AMIC Technology

  A82DL1622TG-70IF Datasheet HTML 1Page - AMIC Technology A82DL1622TG-70IF Datasheet HTML 2Page - AMIC Technology A82DL1622TG-70IF Datasheet HTML 3Page - AMIC Technology A82DL1622TG-70IF Datasheet HTML 4Page - AMIC Technology A82DL1622TG-70IF Datasheet HTML 5Page - AMIC Technology A82DL1622TG-70IF Datasheet HTML 6Page - AMIC Technology A82DL1622TG-70IF Datasheet HTML 7Page - AMIC Technology A82DL1622TG-70IF Datasheet HTML 8Page - AMIC Technology A82DL1622TG-70IF Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
A82DL16x2T(U) Series
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM,
A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only,
Simultaneous Operation Flash Memory and 2M (128Kx16 Bit) Static RAM
Preliminary
PRELIMINARY
(May, 2005, Version 0.1)
1
AMIC Technology, Corp.
DISTINCTIVE CHARACTERISTICS
MCP Features
Single power supply operation 2.7 to 3.6 volt
High Performance
- Access time as fast as 70ns
Package 69-Ball TFBGA (8x11x1.4 mm)
Industrial operating temperature range: -40
°C to 85°C
for –U; -25
°C to 85°C for –I
Flash Features
ARCHITECTURAL ADVANTAGES
Simultaneous Read/Write operations
- Data can be continuously read from one bank while
executing erase/program functions in other bank
- Zero latency between read and write operations
Multiple bank architectures
- Three devices available with different bank sizes (refer to
Table 2)
Package
- 69-Ball TFBGA (8x11x1.4 mm)
Top or bottom boot block
Manufactured on 0.18 µm process technology
- Compatible with AM42DL16x2D devices
Compatible with JEDEC standards
- Pinout and software compatible with single-power-supply
flash standard
PERFORMANCE CHARACTERISTICS
High performance
- Access time as fast as 70ns
- Program time: 7µs/word typical utilizing Accelerate
function
Ultra low power consumption (typical values)
- 2mA active read current at 1MHz
- 10mA active read current at 5MHz
- 200nA in standby or automatic sleep mode
Minimum 1 million write cycles guaranteed per sector
20 Year data retention at 125°C
- Reliable operation for the life of the system
SOFTWARE FEATURES
Supports Common Flash Memory Interface (CFI)
Erase Suspend/Erase Resume
- Suspends erase operations to allow programming in
same bank
Data Polling and Toggle Bit
- Provides a software method of detecting the status of
program or erase cycles
Unlock Bypass Program command
- Reduces
overall
programming
time
when
issuing
multiple program command sequences
HARDWARE FEATURES
Any combination of sectors can be erased
Ready/ Busy output (RY/BY )
- Hardware method for detecting program or erase cycle
completion
Hardware reset pin (RESET )
- Hardware method of resetting the internal state machine
to reading array data
WP /ACC input pin
- Write protect ( WP ) function allows protection of two
outermost boot sectors, regardless of sector protect
status
- Acceleration (ACC) function accelerates program timing
Sector protection
- Hardware method of locking a sector, either in-system or
using programming equipment, to prevent any program
or erase operation within that sector
- Temporary Sector Unprotect allows changing data in
protected sectors in-system
LP SRAM Features
Power supply range: 2.7V to 3.6V
Access times: 70 ns (max.)
Current:
Very low power version: Operating: 35mA(max.)
Standby: 10uA (max.)
Full static operation, no clock or refreshing required
All inputs and outputs are directly TTL-compatible
Common I/O using three-state output
Output enable and two chips enable inputs for easy
application
Data retention voltage: 2.0V (min.)


Similar Part No. - A82DL1622TG-70IF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL1624 AMICC-A82DL1624 Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
A82DL1624TG-70 AMICC-A82DL1624TG-70 Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
A82DL1624TG-70F AMICC-A82DL1624TG-70F Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
A82DL1624TG-70I AMICC-A82DL1624TG-70I Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
A82DL1624TG-70IF AMICC-A82DL1624TG-70IF Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
More results

Similar Description - A82DL1622TG-70IF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL32X4T AMICC-A82DL32X4T Datasheet
931Kb / 60P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL32x4T(U) 32 Megabit (4Mx8 Bit/2Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL16X4T AMICC-A82DL16X4T Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
logo
SPANSION
S71PL129JC0 SPANSION-S71PL129JC0_06 Datasheet
3Mb / 153P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
logo
Advanced Micro Devices
AM29DS163D AMD-AM29DS163D Datasheet
1Mb / 50P
   16 Megabit CMOS 1.8 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM49DL32XBG SPANSION-AM49DL32XBG Datasheet
1Mb / 64P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
AM49DL320BG SPANSION-AM49DL320BG Datasheet
1Mb / 64P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
logo
Eon Silicon Solution In...
EN71PL032A0 EON-EN71PL032A0_1 Datasheet
424Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
EN71NS032A0 EON-EN71NS032A0 Datasheet
286Kb / 10P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 1.8 Volt-only Burst Simultaneous Operation, Multiplexed Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
logo
SPANSION
MB84VD2118XEM-70 SPANSION-MB84VD2118XEM-70 Datasheet
872Kb / 52P
   Stacked MCP (Multi-Chip Package) FLASH MEMORY & SRAM CMOS
logo
Eon Silicon Solution In...
EN71NS128B0 EON-EN71NS128B0_11 Datasheet
259Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com