Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB55NF03L Datasheet(PDF) 11 Page - STMicroelectronics

Part # STB55NF03L
Description  N-CHANNEL 30V - 0.01 W - 55A TO-220/D2PAK/I2PAK STripFET II POWER MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB55NF03L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STB55NF03L Datasheet HTML 3Page - STMicroelectronics STB55NF03L Datasheet HTML 4Page - STMicroelectronics STB55NF03L Datasheet HTML 5Page - STMicroelectronics STB55NF03L Datasheet HTML 6Page - STMicroelectronics STB55NF03L Datasheet HTML 7Page - STMicroelectronics STB55NF03L Datasheet HTML 8Page - STMicroelectronics STB55NF03L Datasheet HTML 9Page - STMicroelectronics STB55NF03L Datasheet HTML 10Page - STMicroelectronics STB55NF03L Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11/11
STP55NF03L STB55NF03L/-1
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is registered trademark of STMicroelectronics
® 2002 STMicroelectronics - All Rights Reserved
All other names are the property of their respective owners.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com


Similar Part No. - STB55NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB55NF03L STMICROELECTRONICS-STB55NF03L Datasheet
81Kb / 8P
   N-CHANNEL 30V - 0.01 ohm - 55A D2PAK STripFET] POWER MOSFET
More results

Similar Description - STB55NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP55NF03L STMICROELECTRONICS-STP55NF03L Datasheet
338Kb / 8P
   N-CHANNEL 30V - 0.01 ohm - 55A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
February 2001
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04_03 Datasheet
363Kb / 11P
   N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STP55NF06L STMICROELECTRONICS-STP55NF06L_06 Datasheet
337Kb / 15P
   N-channel 60V - 0.014廓 - 55A TO-220/D2PAK/I2PAK STripFET??II Power MOSFET
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
   N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB55NF03L STMICROELECTRONICS-STB55NF03L Datasheet
81Kb / 8P
   N-CHANNEL 30V - 0.01 ohm - 55A D2PAK STripFET] POWER MOSFET
STP55NF06L STMICROELECTRONICS-STP55NF06L Datasheet
454Kb / 12P
   N-CHANNEL 60V - 0.014ohm - 55A TO-220/FP/D2PAK/I2PAK STripFET?줚I POWER MOSFET
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
   N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
   N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
STB70NF03L-1 STMICROELECTRONICS-STB70NF03L-1 Datasheet
405Kb / 11P
   N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/I2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
STB70NF03L STMICROELECTRONICS-STB70NF03L_06 Datasheet
463Kb / 15P
   N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET TM II Power MOSFET
July 2006 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com