Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A67P9318E-2.8F Datasheet(PDF) 3 Page - AMIC Technology

Part # A67P9318E-2.8F
Description  512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67P9318E-2.8F Datasheet(HTML) 3 Page - AMIC Technology

  A67P9318E-2.8F Datasheet HTML 1Page - AMIC Technology A67P9318E-2.8F Datasheet HTML 2Page - AMIC Technology A67P9318E-2.8F Datasheet HTML 3Page - AMIC Technology A67P9318E-2.8F Datasheet HTML 4Page - AMIC Technology A67P9318E-2.8F Datasheet HTML 5Page - AMIC Technology A67P9318E-2.8F Datasheet HTML 6Page - AMIC Technology A67P9318E-2.8F Datasheet HTML 7Page - AMIC Technology A67P9318E-2.8F Datasheet HTML 8Page - AMIC Technology A67P9318E-2.8F Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
A67P9318/A67P8336
PRELIMINARY (July, 2005, Version 0.0)
3
AMIC Technology, Corp.
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
28
30
27
29
80
79
78
77
76
75
74
72
73
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
512K x 18
256K x 36
I/Ob8
I/Oa8
A10
NC
NC
VCCQ
VSSQ
NC
VSSQ
VCCQ
VSS
VCC
VCC
ZZ
VCCQ
VSSQ
NC
NC
VSSQ
VCCQ
NC
NC
NC
I/Oa0
I/Oa1
NC
NC
NC
VCCQ
VSSQ
NC
NC
VSSQ
VCCQ
VCC
VCC
VSS
VCCQ
VSSQ
NC
VSSQ
VCCQ
NC
NC
NC
I/Ob8
I/Ob7
I/Ob6
VCC
I/Ob4
VCCQ
VSSQ
VSSQ
VCCQ
VSS
VCC
VCC
ZZ
VCCQ
VSSQ
VSSQ
VCCQ
I/Ob7
A67P9318E
A67P8336E
I/Ob5
I/Ob3
I/Ob2
I/Ob1
I/Ob0
VCCQ
VSSQ
VSSQ
VCCQ
VCC
VCC
VSS
VCCQ
VSSQ
VSSQ
VCCQ
VCC
I/Oc8
I/Oc0
I/Oc1
I/Oc2
I/Oc3
I/Oc4
I/Oc5
I/Oc6
I/Oc7
I/Od0
I/Od1
I/Od2
I/Od3
I/Od4
I/Od5
I/Od6
I/Od7
I/Od8
I/Oa2
I/Oa3
I/Oa4
I/Oa5
I/Oa6
I/Oa7
I/Oa8
I/Ob6
I/Ob5
I/Ob4
I/Ob3
I/Ob2
I/Ob1
I/Ob0
I/Oa7
I/Oa6
I/Oa5
I/Oa4
I/Oa3
I/Oa2
I/Oa1
I/Oa0


Similar Part No. - A67P9318E-2.8F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P93181 AMICC-A67P93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93181E-10.0 AMICC-A67P93181E-10.0 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93181E-10.0F AMICC-A67P93181E-10.0F Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93181E-7.5 AMICC-A67P93181E-7.5 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93181E-7.5F AMICC-A67P93181E-7.5F Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
More results

Similar Description - A67P9318E-2.8F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L8336 AMICC-A67L8336 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67P9336 AMICC-A67P9336 Datasheet
249Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com