Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC47M14V-NC Datasheet(PDF) 8 Page - SMSC Corporation

Part # LPC47M14V-NC
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
Download  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14V-NC Datasheet(HTML) 8 Page - SMSC Corporation

Back Button LPC47M14V-NC Datasheet HTML 4Page - SMSC Corporation LPC47M14V-NC Datasheet HTML 5Page - SMSC Corporation LPC47M14V-NC Datasheet HTML 6Page - SMSC Corporation LPC47M14V-NC Datasheet HTML 7Page - SMSC Corporation LPC47M14V-NC Datasheet HTML 8Page - SMSC Corporation LPC47M14V-NC Datasheet HTML 9Page - SMSC Corporation LPC47M14V-NC Datasheet HTML 10Page - SMSC Corporation LPC47M14V-NC Datasheet HTML 11Page - SMSC Corporation LPC47M14V-NC Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 205 page
background image
SMSC DS – LPC47M14X
Page 8
Rev. 03/19/2001
1
PIN LAYOUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
LPC47M14x
128 PIN QFP
GP40/DRVDEN0
GP41/DRVDEN1
nMTR0
nDSKCHG
nDS0
CLKI32
VSS
nDIR
nSTEP
nWDATA
nWGATE
nHDSEL
nINDEX
nTRK0
nWRTPRT
nRDATA
GP42/nIO_PME
VTR
CLOCKI
LAD0
LAD1
LAD2
LAD3
LFRAME#
LDRQ#
PCI_RESET#
LPCPD#
GP43/DDRC
PCI_CLK
SER_IRQ
VSS
GP10 /J1B1
GP11 /J1B2
GP12 /J2B1
GP13 /J2B2
GP14 /J1X
GP15 /J1Y
GP16 /J2X
VSS
VSS
GP57/nDTR2
GP56/nCTS2
GP55/nRTS2
GP54/nDSR2
GP53/TXD2 (IRTX)
GP52/RXD2 (IRRX)
GP51/nDCD2
VCC
GP50/nRI2
nDCD1
nRI1
nDTR1
nCTS1
nRTS1
nDSR1
TXD1
RXD1
nSTROBE
nALF
nERROR
nACK
BUSY
PE
SLCT
VSS
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
nSLCTIN
nINIT
VCC


Similar Part No. - LPC47M14V-NC

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M102S-MC SMSC-LPC47M102S-MC Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M102S-MC SMSC-LPC47M102S-MC Datasheet
1Mb / 188P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M102S-MS SMSC-LPC47M102S-MS Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M102S-MS SMSC-LPC47M102S-MS Datasheet
1Mb / 188P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47M107S-MC SMSC-LPC47M107S-MC Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
More results

Similar Description - LPC47M14V-NC

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47N217N SMSC-LPC47N217N Datasheet
410Kb / 5P
   56-Pin Super I/O with LPC Interface
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
LPC47N217 SMSC-LPC47N217_07 Datasheet
94Kb / 5P
   64-Pin Super I/O with LPC Interface
LPC47N217N-JV SMSC-LPC47N217N-JV Datasheet
167Kb / 5P
   64-Pin Super I/O with LPC Interface
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
LPC47N267 SMSC-LPC47N267_05 Datasheet
221Kb / 5P
   100 Pin LPC Super I/O with X-Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com