Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1GT08DFT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74VHC1GT08DFT1
Description  2-Input AND Gate/CMOS Logic Level Shifter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1GT08DFT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHC1GT08DFT1 Datasheet HTML 1Page - ON Semiconductor MC74VHC1GT08DFT1 Datasheet HTML 2Page - ON Semiconductor MC74VHC1GT08DFT1 Datasheet HTML 3Page - ON Semiconductor MC74VHC1GT08DFT1 Datasheet HTML 4Page - ON Semiconductor MC74VHC1GT08DFT1 Datasheet HTML 5Page - ON Semiconductor MC74VHC1GT08DFT1 Datasheet HTML 6Page - ON Semiconductor MC74VHC1GT08DFT1 Datasheet HTML 7Page - ON Semiconductor MC74VHC1GT08DFT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74VHC1GT08
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA ≤ 85°C
–55
≤ TA ≤ 125°C
Symbol
Parameter
Test Conditions
VCC
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
VIH
Minimum High–Level
Input Voltage
3.0
4.5
5.5
1.4
2.0
2.0
1.4
2.0
2.0
1.4
2.0
2.0
V
VIL
Maximum Low–Level
Input Voltage
3.0
4.5
5.5
0.53
0.8
0.8
0.53
0.8
0.8
0.53
0.8
0.8
V
VOH
Minimum High–Level
Output Voltage
VV
V
VIN = VIH or VIL
IOH = –50 µA
3.0
4.5
2.9
4.4
3.0
4.5
2.9
4.4
2.9
4.4
V
g
VIN = VIH or VIL
VIN = VIH or VIL
IOH = –4 mA
IOH = –8 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
V
VOL
Maximum Low–Level
Output Voltage
VV
V
VIN = VIH or VIL
IOL = 50 µA
3.0
4.5
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
V
g
VIN = VIH or VIL
VIN = VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
V
IIN
Maximum Input
Leakage Current
VIN = 5.5 V or GND
0 to
5.5
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
5.5
1.0
20
40
µA
ICCT
Quiescent Supply
Current
Input: VIN = 3.4 V
5.5
1.35
1.50
1.65
mA
IOPD
Output Leakage
Current
VOUT = 5.5 V
0.0
0.5
5.0
10
µA
AC ELECTRICAL CHARACTERISTICS Cload = 50 pF, Input tr = tf = 3.0 ns
TA = 25°C
TA ≤ 85°C
–55
≤ TA ≤ 125°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
tPLH,
tPHL
Maximum
Propagation Delay,
It A
B t Y
VCC = 3.3 ± 0.3 V
CL = 15 pF
CL = 50 pF
4.1
5.9
8.8
12.3
10.5
14.0
12.5
16.5
ns
PHL
gy
Input A or B to Y
VCC = 5.0 ± 0.5 V
CL = 15 pF
CL = 50 pF
3.5
4.2
5.9
7.9
7.0
9.0
9.0
11.0
CIN
Maximum Input
Capacitance
5.5
10
10
10
pF
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Note 6)
11
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no–load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - MC74VHC1GT08DFT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT08DFT1 ONSEMI-MC74VHC1GT08DFT1 Datasheet
73Kb / 6P
   2?묲nput AND Gate/CMOS Logic Level Shifter
February, 2007 ??Rev. 10
More results

Similar Description - MC74VHC1GT08DFT1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GT08A RENESAS-HD74LV1GT08A Datasheet
86Kb / 11P
   2-input AND Gate / CMOS Logic Level Shifter
HD74LV1GT08A RENESAS-HD74LV1GT08A_08 Datasheet
101Kb / 7P
   2.input AND Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT08 ONSEMI-MC74VHC1GT08_13 Datasheet
122Kb / 6P
   2-Input AND Gate/CMOS Logic Level Shifter
January, 2013 ??Rev. 12
NL17SHT08 ONSEMI-NL17SHT08 Datasheet
103Kb / 5P
   2-Input AND Gate / CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT32DFT1G ONSEMI-MC74VHC1GT32DFT1G Datasheet
129Kb / 6P
   2-Input OR Gate/CMOS Logic Level Shifter
July, 2013 ??Rev. 12
NL17SHT32 ONSEMI-NL17SHT32 Datasheet
104Kb / 5P
   2-Input OR Gate CMOS Logic Level Shifter
August, 2011 ??Rev. 0
logo
Renesas Technology Corp
HD74LV1GT32A RENESAS-HD74LV1GT32A Datasheet
101Kb / 7P
   2-input OR Gate / CMOS Logic Level Shifter
HD74LV1GT02A RENESAS-HD74LV1GT02A Datasheet
102Kb / 7P
   2-input NOR Gate / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT02 ONSEMI-MC74VHC1GT02 Datasheet
188Kb / 8P
   2-Input NOR Gate/CMOS Logic Level Shifter
December, 1999 ??Rev. 2
MC74VHC1GT32DF1G ONSEMI-MC74VHC1GT32DF1G Datasheet
129Kb / 6P
   2-Input OR Gate/CMOS Logic Level Shifter
July, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com