Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A67L16181-8.5 Datasheet(PDF) 6 Page - AMIC Technology

Part # A67L16181-8.5
Description  2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67L16181-8.5 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A67L16181-8.5 Datasheet HTML 2Page - AMIC Technology A67L16181-8.5 Datasheet HTML 3Page - AMIC Technology A67L16181-8.5 Datasheet HTML 4Page - AMIC Technology A67L16181-8.5 Datasheet HTML 5Page - AMIC Technology A67L16181-8.5 Datasheet HTML 6Page - AMIC Technology A67L16181-8.5 Datasheet HTML 7Page - AMIC Technology A67L16181-8.5 Datasheet HTML 8Page - AMIC Technology A67L16181-8.5 Datasheet HTML 9Page - AMIC Technology A67L16181-8.5 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
A67L16181/A67L06361 Series
PRELIMINARY
(February, 2005, Version 0.1)
6
AMIC Technology, Corp.
Pin Description
Pin No.
Symbol
Description
LQFP (X18)
LQFP (X36)
37
36
35,34,33,32,
100,99,82,81
44,45,46,47,
48,49,50,83,84
43
80
37
36
35,34,33,32,
100,99,82,81
45,46,47,48,
49,50,83,84,43
44
A0
A1
A2 – A9
A11-A19
A20
A10
Synchronous Address Inputs : These inputs are registered and
must meet the setup and hold times around the rising edge of
CLK. Pins 83 and 84 are reserved as address bits for higher-
density 9Mb and 18Mb DBA SRAMs, respectively. A0 and A1 are
the two lest significant bits (LSB) of the address field and set the
internal burst counter if burst is desired.
93 (BW1)
94 (BW2 )
93 (BW1)
94 (BW2 )
95 (BW3 )
96 (BW4 )
BW1
BW2
BW3
BW4
Synchronous Byte Write Enables : These active low inputs allow
individual bytes to be written when a WRITE cycle is active and
must meet the setup and hold times around the rising edge of
CLK. BYTE WRITEs need to be asserted on the same cycle as
the address, BWs are associated with addresses and apply to
subsequent data. BW1 controls I/Oa pins; BW2 controls I/Ob pins;
BW3 controls I/Oc pins; BW4 controls I/Od pins.
89
89
CLK
Clock : This signal registers the address, data, chip enables, byte
write enables and burst control inputs on its rising edge. All
synchronous inputs must meet setup and hold times around the
clock’s rising edge.
98
98
CE
Synchronous Chip Enable : This active low input is used to enable
the device. This input is sampled only when a new external
address is loaded (ADV/LD LOW).
92
92
CE2
Synchronous Chip Enable : This active low input is used to enable
the device and is sampled only when a new external address is
loaded (ADV/LD LOW). This input can be used for memory depth
expansion.
97
97
CE2
Synchronous Chip Enable : This active high input is used to
enable the device and is sampled only when a new external
address is loaded (ADV/LD LOW). This input can be used for
memory depth expansion.
86
86
OE
Output Enable : This active low asynchronous input enables the
data I/O output drivers.
85
85
ADV/LD
Synchronous Address Advance/Load : When HIGH, this input is
used to advance the internal burst counter, controlling burst
access after the external address is loaded. When HIGH, R/ W is
ignored. A LOW on this pin permits a new address to be loaded at
CLK rising edge.
87
87
CEN
Synchronous Clock Enable : This active low input permits CLK to
propagate throughout the device. When HIGH, the device ignores
the CLK input and effectively internally extends the previous CLK
cycle. This input must meet setup and hold times around the
rising edge of CLK.


Similar Part No. - A67L16181-8.5

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L16181 AMICC-A67L16181_15 Datasheet
200Kb / 18P
   2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
More results

Similar Description - A67L16181-8.5

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P16181 AMICC-A67P16181 Datasheet
198Kb / 18P
   2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
A67L06361 AMICC-A67L06361 Datasheet
200Kb / 18P
   2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
A67L16181 AMICC-A67L16181_15 Datasheet
200Kb / 18P
   2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
A67P06361 AMICC-A67P06361_15 Datasheet
198Kb / 18P
   2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
A67P06361 AMICC-A67P06361 Datasheet
243Kb / 18P
   2M X 18, 1M X 36 LVTTL, Flow-through ZeBL SRAM
A67L06181 AMICC-A67L06181 Datasheet
244Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67P93361 AMICC-A67P93361 Datasheet
243Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67L93361 AMICC-A67L93361 Datasheet
199Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67L06181 AMICC-A67L06181_15 Datasheet
199Kb / 18P
   1M X 18, 512K X 36 LVTTL, Flow-through ZeBL SRAM
A67P1618 AMICC-A67P1618 Datasheet
203Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com