Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-G511-JK500 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # 5082-G511-JK500
Description  Black Surface Seven Segment Displays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-G511-JK500 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button 5082-G511-JK500 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-G511-JK500 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-G511-JK500 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-G511-JK500 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-G511-JK500 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5082-G511-JK500 Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5082-G511-JK500 Datasheet HTML 12Page - Agilent(Hewlett-Packard) 5082-G511-JK500 Datasheet HTML 13Page - Agilent(Hewlett-Packard) 5082-G511-JK500 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
HER, Green, Orange
Figure 7. Maximum Allowable DC
Current vs. Ambient Temperature.
Figure 8. Forward Current vs.
Forward Voltage Characteristics.
Figure 9. Relative Luminous Intensity
vs. DC Forward Current.
Figure 10. Relative Efficiency (Luminous Intensity
per Unit Current) vs. Peak Current.
40
0
5
10
15
20
25
30
35
20
100
90
80
70
60
50
40
30
T
– AMBIENT TEMPERATURE – °C
A
120
110
50
45
HER / ORANGE
GREEN
R
= 770°C/W
θ J-A
0
100
80
60
40
20
2.0
4.0
3.0
1.0
V
– FORWARD VOLTAGE – V
F
05.0
HER / ORANGE
GREEN
15
0
10
8
6
4
2
20
530
10
25
12
I – FORWARD CURRENT PER SEGMENT – mA
F
0
GREEN
HER / ORANGE
0
I
– PEAK FORWARD CURRENT
PER SEGMENT – mA
PEAK
0.8
1.0
1.2
1.4
100
20
80
60
40
1.8
1.6
GREEN
HER / ORANGE
Figure 5. Maximum Tolerable Peak Current
vs. Pulse Duration – HER, Orange.
Figure 6. Maximum Tolerable Peak
Current vs. Pulse Duration – Green.
t
– PULSE DURATION – µs
P
10
1
100
10
10000
1000
100
1
DC OPERATION
OPERATION IN THIS
REGION REQUIRES
TEMPERATURE
DERATING OF I
MAXIMUM
DC
t
– PULSE DURATION – µs
P
10
1
100
10
10000
1000
100
1
DC OPERATION
OPERATION IN THIS
REGION REQUIRES
TEMPERATURE
DERATING OF I
MAXIMUM
DC


Similar Part No. - 5082-G511-JK500

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-G501-00000 HP-5082-G501-00000 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
5082-G501-00016 HP-5082-G501-00016 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
5082-G503-00000 HP-5082-G503-00000 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
5082-G503-00016 HP-5082-G503-00016 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
More results

Similar Description - 5082-G511-JK500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-A413 AVAGO-HDSP-A413_10 Datasheet
1Mb / 13P
   Black Surface Seven Segment Displays
HDSP-AX11 AVAGO-HDSP-AX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
   SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
   Seven Segment Displays
logo
QT Optoelectronics
FND367 QT-FND367 Datasheet
409Kb / 4P
   SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
   0.560-INCH SEVEN SEGMENT DISPLAYS
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
   0.43-INCH SEVEN SEGMENT DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
logo
QT Optoelectronics
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
   0.800-INCH SEVEN SEGMENT DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com