Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A67L9318E Datasheet(PDF) 9 Page - AMIC Technology

Part # A67L9318E
Description  512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67L9318E Datasheet(HTML) 9 Page - AMIC Technology

Back Button A67L9318E Datasheet HTML 5Page - AMIC Technology A67L9318E Datasheet HTML 6Page - AMIC Technology A67L9318E Datasheet HTML 7Page - AMIC Technology A67L9318E Datasheet HTML 8Page - AMIC Technology A67L9318E Datasheet HTML 9Page - AMIC Technology A67L9318E Datasheet HTML 10Page - AMIC Technology A67L9318E Datasheet HTML 11Page - AMIC Technology A67L9318E Datasheet HTML 12Page - AMIC Technology A67L9318E Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
A67L9318/A67L8336
PRELIMINARY
(July, 2005, Version 0.0)
9
AMIC Technology, Corp.
Partial Truth Table for READ/WRITE Commands (X18)
Operation
R/ W
BW1
BW2
READ
H
X
X
WRITE Byte “a”
L
L
H
WRITE Byte “b”
L
H
L
WRITE all bytes
L
L
L
WRITE Abort/NOP
L
H
H
Note : Using and BYTE WRITE(s), any one or more bytes may be written.
Partial Truth Table for READ/WRITE Commands (X36)
Operation
R/ W
BW1
BW2
BW3
BW4
READ
H
X
X
X
X
WRITE Byte “a”
L
L
H
H
H
WRITE Byte “b”
L
H
L
H
H
WRITE Byte “c”
L
H
H
L
H
WRITE Byte “d”
L
H
H
H
L
WRITE all bytes
L
L
L
L
L
WRITE Abort/NOP
L
H
H
H
H
Note : Using R/ W and BYTE WRITE(s), any one or more bytes may be written.
Linear Burst Address Table (MODE = LOW)
First Address (External)
Second Address (Internal)
Third Address (Internal)
Fourth Address (Internal)
X . . . X00
X . . . X01
X . . . X10
X . . . X11
X . . . X01
X . . . X10
X . . . X11
X . . . X00
X . . . X10
X . . . X11
X . . . X00
X . . . X01
X . . . X11
X . . . X00
X . . . X01
X . . . X10
Interleaved Burst Address Table (MODE = HIGH or NC)
First Address (External)
Second Address (Internal)
Third Address (Internal)
Fourth Address (Internal)
X . . . X00
X . . . X01
X . . . X10
X . . . X11
X . . . X01
X . . . X00
X . . . X11
X . . . X10
X . . . X10
X . . . X11
X . . . X00
X . . . X01
X . . . X11
X . . . X10
X . . . X01
X . . . X00


Similar Part No. - A67L9318E

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L93181 AMICC-A67L93181 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67L93181E AMICC-A67L93181E Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67L93181E-10.0 AMICC-A67L93181E-10.0 Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
A67L93181E-10.0F AMICC-A67L93181E-10.0F Datasheet
246Kb / 18P
   512K X 18, 256K X 36 LVTTL, Flow-through ZeBL SRAM
More results

Similar Description - A67L9318E

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L8336 AMICC-A67L8336 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67P9336 AMICC-A67P9336 Datasheet
249Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com