Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCH06JAA3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NCH06JAA3
Description  Crystal Clock Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NCH06JAA3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NCH06JAA3 Datasheet HTML 1Page - List of Unclassifed Manufacturers NCH06JAA3 Datasheet HTML 2Page - List of Unclassifed Manufacturers NCH06JAA3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SaRonix
NTH / NCH Series
SaRonix
Crystal Clock Oscillator
Technical Data
3.3V, LVCMOS / HCMOS,
141 Jefferson Drive • Menlo Park, CA 94025 • USA • 650-470-7700 • 800-227-8974 • Fax 650-462-9894
All specifications are subject to change without notice.
DS-159
REV D
Symmetry
0 = 40/60% max, 0 to 70°C
2 = 40/60% max, -40 to 85°C
A = 45/55% max, 0 to 70°C, 70 MHz max
C = 45/55% max, -40 to 85°C, 70 MHz max
Package Details
Part Numbering Guide
5.08
.200
max
.46±.08
.018±.003
15.24±.13
.600±.005
max
13.0
.510
Pin 7
GND
Pin 14
+3.3 VDC
Pin 8 Output
max
0.91
.036
FULL SIZE PACKAGE
Pin 1
Tri-State - NTH
N/C - NCH
NTH 0 8 0 C
3 - 40.0000 (T)
NTH = Pin 1: Tri state, LVCMOS
NCH = Pin 1: N/C, LVCMOS
NOTE A: CL includes probe and fixture capacitance
*( ) Indicates pin numbers for half-size package
Test Circuit
Pin 1 Input
Logic 1 or NC
Logic 0 or GND
Pin 8 (5) Output
Oscillation
High Impedance
Tri-State Logic Table (NTH only)
Required Input Levels on Pin 1:
Logic 1 = 2.2V min
Logic 0 = 0.8V max
Frequency (MHz)
3.3V Supply
Package
0 = Full Size, Thru-Hole
9 = Half Size, Thru-Hole
K = Full Size, Gull Wing
J = Half Size, Gull Wing
N = Half Size, Gull Wing, Spanked Leads
S = Full Size, True SMD Adaptor (see separate data sheet for dimensions)
mA
M
POWER
SUPPLY
V M
TEST
POINT
VDD
OUT
OSCILLATOR
Pin 14 (8)
Pin 8 (5)
Pin 1 (1)
*
Pin 7 (4)
GND
TRI-STATE INPUT (NTH only)
CL = 50pF, 0.5 to 50 MHz
CL = 30pF, 50+ to 70 MHz
CL = 15pF, 70+ to 106.25 MHz
(Note A)
21.0
.825
max
6.35±0.51
0.25±0.02
max
(4) Glass
Insulators
7.75
.305
SARONIX
XTAL OSC
Standard Marking Format
**
Includes Date Code, Frequency & Part Number
Denotes Pin 1
Denotes Pin 1
SARONIX
1.7
.067
6.0
.236
120°
120°
120°
13.0
.510
max
7.62±.20
.300±.008
Pin 5
Output
Pin 8
+3.3 VDC
1.5
.059
Pin 1
Tri-State - NTH
N/C - NCH
Pin 4
GND
7.62±.20
.300±.008
.46±.08
.018±.003
6.35±0.51
0.25±0.02
5.08
.200
max
0.91
.036
max
max
13.0
.510
HALF SIZE PACKAGE
Standard Marking Format
**
Includes Date Code, Frequency & Part Number
**Exact location of items may vary
Frequency Range
3 = 0.5 to 6 MHz
6 = 6+ to 24 MHz
8 = 24+ to 106.25 MHz
Stability Tolerance
C = ±100ppm
B = ±50ppm
A = ±25ppm, 0 to +70°C only
AA = ±20ppm, 0 to +70°C only
Output:
Output:
Internal Pullup Resistance
Control Input:
Oscillation @ VIN, 2.2V min
High Impedance @ VIN, 0.8V max
50K
Ω min
Disable Output Delay: 100ns max
Packing Method
(T) = Tape & Reel for SMD versions,
full reel incre
ments only, 200pcs (full
size) or 250pcs (half size)
Blank = Bulk


Similar Part No. - NCH06JAA3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NCH06JAA3 ETC1-NCH06JAA3 Datasheet
121Kb / 3P
   Crystal Clock Oscillator
More results

Similar Description - NCH06JAA3

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
   Crystal Clock Oscillator
2725Z NDK-2725Z_15 Datasheet
805Kb / 1P
   Crystal Clock Oscillator
NZ3225SJ NDK-NZ3225SJ Datasheet
731Kb / 1P
   Crystal Clock Oscillator
logo
List of Unclassifed Man...
TFG-786XH ETC1-TFG-786XH Datasheet
51Kb / 1P
   Crystal Clock Oscillator
HS360 ETC1-HS360 Datasheet
78Kb / 2P
   Crystal Clock Oscillator
NCL030C ETC1-NCL030C Datasheet
147Kb / 1P
   Crystal Clock Oscillator
logo
IQD Frequency Products ...
LFSPXO071976 IQD-LFSPXO071976 Datasheet
193Kb / 2P
   Crystal Clock Oscillator
LFSPXO076035 IQD-LFSPXO076035 Datasheet
233Kb / 2P
   Crystal Clock Oscillator
LFSPXO009586 IQD-LFSPXO009586 Datasheet
392Kb / 2P
   Crystal Clock Oscillator
LFSPXO018032 IQD-LFSPXO018032 Datasheet
745Kb / 2P
   Crystal Clock Oscillator
LFSPXO018039 IQD-LFSPXO018039 Datasheet
1,009Kb / 2P
   Crystal Clock Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com